Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16831 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX16831
Description  High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16831 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX16831_09 Datasheet HTML 10Page - Maxim Integrated Products MAX16831_09 Datasheet HTML 11Page - Maxim Integrated Products MAX16831_09 Datasheet HTML 12Page - Maxim Integrated Products MAX16831_09 Datasheet HTML 13Page - Maxim Integrated Products MAX16831_09 Datasheet HTML 14Page - Maxim Integrated Products MAX16831_09 Datasheet HTML 15Page - Maxim Integrated Products MAX16831_09 Datasheet HTML 16Page - Maxim Integrated Products MAX16831_09 Datasheet HTML 17Page - Maxim Integrated Products MAX16831_09 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Applications Information
Inductor Selection
The minimum required inductance is a function of oper-
ating frequency, input-to-output voltage differential, and
the peak-to-peak inductor current (
ΔIL). Higher ΔIL
allows for a lower inductor value while a lower
ΔIL
requires a higher inductor value. A lower inductor value
minimizes size and cost, improves large-signal tran-
sient response but reduces efficiency due to higher
peak currents and higher peak-to-peak output ripple
voltage for the same output capacitance. On the other
hand, higher inductance increases efficiency by reduc-
ing the ripple current,
ΔIL. However, resistive losses
due to extra turns can exceed the benefit gained from
lower ripple current levels, especially when the induc-
tance is increased without also allowing for larger
inductor dimensions. A good compromise is to choose
ΔIL equal to 30% of the full load current. The inductor
saturating current is also important to avoid runaway
current during the output overload and continuous
short circuit. Select the ISAT to be higher than the maxi-
mum peak current limit.
Buck configuration: In a buck configuration, the aver-
age inductor current does not vary with the input. The
worst-case peak current occurs at a high input voltage.
In this case, the inductance L for continuous conduc-
tion mode is given by:
where VINMAX is the maximum input voltage, fSW is the
switching frequency, and VOUT is the output voltage.
Boost configuration: In the boost converter, the average
inductor current varies with line and the maximum aver-
age current occurs at low line. For the boost converter,
the average inductor current is equal to the input cur-
rent. In this case, the inductance L is calculated as:
where VINMIN is the minimum input voltage, VOUT is the
output voltage, and fSW is the switching frequency.
Buck-boost configuration: In a buck-boost converter,
the average inductor current is equal to the sum of the
input current and the load current. In this case, the
inductance L is:
where VINMIN is the minimum input voltage, VOUT is the
output voltage, and fSW is the switching frequency.
Output Capacitor
The function of the output capacitor is to reduce the
output ripple to acceptable levels. The ESR, ESL, and
the bulk capacitance of the output capacitor contribute
to the output ripple. In most of the applications, the out-
put ESR and ESL effects can be dramatically reduced
by using low-ESR ceramic capacitors. To reduce the
ESL effects, connect multiple ceramic capacitors in
parallel to achieve the required bulk capacitance.
In a buck configuration, the output capacitance, CF, is
calculated using the following equation:
where ΔVR is the maximum allowable output ripple.
In a boost configuration, the output capacitance, CF, is
calculated as:
where IOUT is the output current.
In a buck-boost configuration, the output capacitance,
CF, is calculated as:
where VOUT is the voltage across the load and IOUT is
the output current. Connect the output capacitor(s)
from the output to ground in a buck-boost configuration
(not across the load as for other configurations).
Input Capacitor
A capacitor connected between the input line and
ground must be used when configuring the MAX16831
as a buck converter. Use a low-ESR input capacitor
that can handle the maximum input RMS ripple current.
Calculate the maximum allowable RMS ripple using the
following equation:
In most of the cases, an additional electrolytic capaci-
tor should be added to prevent input oscillations due to
line impedances.
I
IV
V
V
V
IN RMS
OUT
OUT
INMIN
OUT
INMIN
()
()
=
××
-
C
VI
VV
V
f
F
OUT
OUT
ROUT
INMIN
SW
××
×+
×
2
Δ
()
C
VV
I
VV
f
F
OUT
INMIN
OUT
ROUT
SW
××
××
()
-2
Δ
C
VV
V
VL
V
f
F
INMAX
OUT
OUT
RINMAX
SW
×
×× ×
×
()
-
Δ
2
2
L
VV
VV
f
I
OUT
INMIN
OUT
INMIN
SW
L
=
×
×
()
Δ
L
VV
V
Vf
I
INMIN
OUT
INMIN
OUT
SW
L
=
×
××
()
-
Δ
L
VV
V
Vf
I
OUT
INMAX
OUT
INMAX
SW
L
=
×
××
()
-
Δ
High-Voltage, High-Power LED Driver with
Analog and PWM Dimming Control
14
______________________________________________________________________________________


Similar Part No. - MAX16831_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831ATJ++ MAXIM-MAX16831ATJ+ Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16831EVKIT MAXIM-MAX16831EVKIT Datasheet
180Kb / 9P
   MAX16831 Evaluation Kit
Rev 1; 10/08
More results

Similar Description - MAX16831_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com