Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9000A Datasheet(PDF) 58 Page - Davicom Semiconductor, Inc.

Part # DM9000A
Description  Ethernet Controller with General Processor Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000A Datasheet(HTML) 58 Page - Davicom Semiconductor, Inc.

Back Button DM9000A Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 60Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
DM9000A
Ethernet Controller with General Processor Interface
Final
58
Version: DM9000A-17-DS-F01
May 10, 2006
12. Package Information
LQFP 48L (F.P. 2mm) Outline Dimensions
unit: inches/mm
y
D1
D
Symbol
Dimensions in inches
Dimensions in mm
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
0.063
-
-
1.60
A1
0.002
-
0.006
0.05
-
0.15
A2
0.053
0.055
0.057
1.35
1.40
1.45
b
0.007
0.009
0.011
0.17
0.22
0.27
b1
0.007
0.008
0.009
0.17
0.20
0.23
C
0.004
-
0.008
0.09
-
0.20
C1
0.004
-
0.006
0.09
-
0.16
D
0.354BSC
9.00BSC
D1
0.276BSC
7.00BSC
E
0.354BSC
9.00BSC
E1
0.276BSC
7.00BSC
0.020BSC
0.50BSC
L
0.018
0.024
0.030
0.45
0.60
0.75
L1
0.039REF
1.00REF
y
0.003MAX
0.08MAX
Notes:
1. To be determined at seating plane.
2. Dimensions D1 and E 1do not include mold protrusion.
D1 and E1 are maximum plastic body size dimensions
including mold mismatch.
3. Dimensions b does not include dambar protrusion. Total
in excess of the b dimension at maximum material
condition. Dambar cannot be located on the lower radius
of the foot.
4. Exact shape of each corner is optional.
5. These dimensions apply to the flat section of the lead
between 0.10mm and 0.25mm from the lead tip.
6. A1 is defined as the distance from the seating plane to
the lowest point of the package body.
7. Controlling dimension: millimeter.
8. Reference documents: JEDEC MS-026, BBC.
Θ
0-12°
0-12°


Similar Part No. - DM9000A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
DM9000AE ETC1-DM9000AE Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000AE DAVICOM-DM9000AE Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
logo
List of Unclassifed Man...
DM9000AEP ETC1-DM9000AEP Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000AEP DAVICOM-DM9000AEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results

Similar Description - DM9000A

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9008AEP DAVICOM-DM9008AEP_06 Datasheet
1Mb / 50P
   Ethernet Controller with General Processor Interface
DM9000B DAVICOM-DM9000B_12 Datasheet
425Kb / 63P
   Ethernet Controller With General Processor Interface
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000BEP DAVICOM-DM9000BEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008CEP DAVICOM-DM9008CEP Datasheet
48Kb / 2P
   Ethernet Controller with General Processor Interface
DM9010EP DAVICOM-DM9010EP Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000AEP DAVICOM-DM9000AEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008C DAVICOM-DM9008C Datasheet
422Kb / 52P
   Ethernet Controller With General Processor Interface
DM9008AEP DAVICOM-DM9008AEP_08 Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000B DAVICOM-DM9000B Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000EP DAVICOM-DM9000EP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com