Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9000E Datasheet(PDF) 29 Page - Davicom Semiconductor, Inc.

Part # DM9000E
Description  ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000E Datasheet(HTML) 29 Page - Davicom Semiconductor, Inc.

Back Button DM9000E Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 33Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
29
Version: DM9000-DS-F03
April 23, 2009
0 = MF preamble suppression bit off
16.1
SLEEP
0, RW
Sleep Mode
Writing a 1 to this bit will cause PHY to enter the Sleep mode and
power down all circuit except oscillator and clock generator circuit.
When waking up from Sleep mode (write this bit to 0), the
configuration will go back to the state before sleep; but the state
machine will be reset
16.0
RLOUT
0, RW
Remote Loopout Control
When this bit is set to 1, the received data will loop out to the
transmit channel. This is useful for bit error rate testing
8.9 DAVICOM Specified Configuration and Status Register (DSCSR) - 17
Bit
Bit Name
Default
Description
17.15
100FDX
1, RO
100M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 100M full duplex
mode. The software can read bit[15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.14
100HDX
1, RO
100M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 100M half duplex
mode. The software can read bit [15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.13
10FDX
1, RO
10M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 10M Full Duplex
mode. The software can read bit [15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.12
10HDX
1, RO
10M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 10M half duplex
mode. The software can read bit[15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.11-17.
9
RESERVED
0, RO
Reserved
Write as 0, ignore on read
17.8-17.4 PHYADR[4:0]
(PHYADR),
RW
PHY Address Bit 4:0
The first PHY address bit transmitted or received is the MSB of the
address (bit 4). A station management entity connected to multiple
PHY entities must know the appropriate address of each PHY
17.3-17.0
ANMB[3:0]
0, RO
Auto-negotiation Monitor Bits
These bits are for debug only. The auto-negotiation status will be
written to these bits
B3 b2 b1 b0
0000
In IDLE State
0001
Ability Match


Similar Part No. - DM9000E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000E ETC-DM9000E Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Davicom Semiconductor, ...
DM9000E DAVICOM-DM9000E Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000EP DAVICOM-DM9000EP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results

Similar Description - DM9000E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
   USB to Ethernet MAC Controller with Integrated 10/100 PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
Microchip Technology
LAN7430 MICROCHIP-LAN7430 Datasheet
1Mb / 77P
   Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
05/14/19
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
   PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
STE10A STMICROELECTRONICS-STE10A Datasheet
795Kb / 82P
   PCI 10/100 Ethernet controller with integrated PHY (3.3V)
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
   78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
logo
Synaptics Incorporated.
CX92235 CONEXANT-CX92235 Datasheet
222Kb / 2P
   Integrated 10/100 Ethernet MAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com