Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1745AUB+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1745AUB+
Description  High-Voltage, Step-Down DC-DC Controllers in μMAX
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1745AUB+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1745AUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX1745AUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX1745AUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX1745AUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX1745AUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX1745AUB+ Datasheet HTML 10Page - Maxim Integrated Products MAX1745AUB+ Datasheet HTML 11Page - Maxim Integrated Products MAX1745AUB+ Datasheet HTML 12Page - Maxim Integrated Products MAX1745AUB+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
High-Voltage, Step-Down DC-DC
Controllers in µMAX
_______________________________________________________________________________________
9
lower frequencies, reducing the MOSFET gate drive
and switching losses. In discontinuous mode, under
most circumstances, the on-time will be the fixed mini-
mum on-time of 1μs. If the inductor value is small, or
the current-sense resistor large, the current limit will be
tripped before the minimum on-time, terminating the
on-time and thus setting the fixed on-time.
If the inductance is too large, or the output capacitance
high and equivalent series resistance (ESR) low, then
the MOSFET remains on longer than the minimum on-
time, until the output capacitor charges beyond the
error comparator’s (VOUT / 1.25V) 8mV hysteresis,
causing the part to operate in hysteretic mode.
Operating in hysteretic mode results in lower frequency
operation. The transition to hysteretic mode occurs at
the critical output capacitor ESR:
ESRCRITICAL = (VOUT / 1.25V) 8mV / IRIPPLE
where IRIPPLE is the inductor ripple current, and can be
determined by:
IRIPPLE = (VIN - VOUT) tON(MIN) / L
where tON(MIN) is the minimum on-time (1μs) for mini-
mum on-time-control, or:
IRIPPLE = (VOUT) tOFF(MIN) / L
where tOFF(MIN) is the minimum off-time (2μs) for mini-
mum off-time-control.
REF
MINIMUM
OFF-TIME
ONE SHOT
Q
TRIG
VL
LINEAR
REGULATOR
VH
LINEAR
REGULATOR
1.25
REFERENCE
(FB)
ERROR
COMPARATOR
OUT
3/5
SHDN
CS
100mV
+
-
Q
R
S
VL
SHDN
VH
EXT
IN
MINIMUM
ON-TIME
ONE SHOT
Q
TRIG
( ) MAX1745 ONLY
- - - MAX1744 ONLY
Figure 2. Simplified Functional Diagram


Similar Part No. - MAX1745AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1745AUB++ MAXIM-MAX1745AUB+ Datasheet
272Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
More results

Similar Description - MAX1745AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744_09 Datasheet
272Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Linear Technology
LTC3801 LINER-LTC3801_1 Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
   High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Linear Technology
LTC3832-1 LINER-LTC3832-1_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830 LINER-LTC3830_15 Datasheet
275Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com