Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2991 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2991
Description  Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2991 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2991 Datasheet HTML 4Page - Maxim Integrated Products MAX2991 Datasheet HTML 5Page - Maxim Integrated Products MAX2991 Datasheet HTML 6Page - Maxim Integrated Products MAX2991 Datasheet HTML 7Page - Maxim Integrated Products MAX2991 Datasheet HTML 8Page - Maxim Integrated Products MAX2991 Datasheet HTML 9Page - Maxim Integrated Products MAX2991 Datasheet HTML 10Page - Maxim Integrated Products MAX2991 Datasheet HTML 11Page - Maxim Integrated Products MAX2991 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8 ______________________________________________________________________________________
Power-Line Communications (PLC) Integrated
Analog Front-End Transceiver
Pin Configuration
Pin Description
REF
GND5
ENTX
ENRX
GSUB
RXCLK
TXCLK
RXDATA
TXDATA
RXCONV
TXCONV
VDD5
VDD1
GND1
RXINP
RXINN
I.C.
I.C.
I.C.
I.C.
TXOUTP
TXOUTN
GND2
VDD2
LQFP
+
MAX2991
36
35
34
33
32
31
30
29
28
27
26
25
1
13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37
2
3
4
5
6
7
8
9
10
11
12
PIN
NAME
FUNCTION
1
VDD1
Analog Power-Supply 1. Bypass to GND1 with 100nF and 10FF capacitors in parallel located close to
VDD1. Connect VDD inputs together.
2
GND1
Analog Ground 1. Connect GND1 to the PCB ground.
3
RXINP
AC Power-Line Positive Input
4
RXINN
AC Power-Line Negative Input
5, 6, 48
I.C.
Internal Connection. Connect to the PCB ground.
7, 8
I.C.
Internal Connection. Leave unconnected.
9
TXOUTP
AC Power-Line Positive Output
10
TXOUTN
AC Power-Line Negative Output
11
GND2
Analog Ground 2. Connect GND2 to the PCB ground.
12
VDD2
Analog Power-Supply 2. Bypass to GND2 with 100nF and 10FF capacitors in parallel located close to
VDD2. Connect VDD inputs together.
13
AGCFRZ
Active-High AGC Freeze-Mode Enable. Drive AGCFRZ high to place the AGC adaptation in freeze
mode. Drive AGCFRZ low to allow continuous AGC adaptation.


Similar Part No. - MAX2991

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
MAX2991ECM++ MAXIM-MAX2991ECM+ Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
MAX2991 MAXIM-MAX2991_V01 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
More results

Similar Description - MAX2991

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991_V01 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
logo
Texas Instruments
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
[Old version datasheet]   Power-Line Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
[Old version datasheet]   Power-Line Communications Analog Front-End
AFE031 TI1-AFE031_13 Datasheet
970Kb / 57P
[Old version datasheet]   Powerline Communications Analog Front-End
logo
Maxim Integrated Produc...
MAX2981 MAXIM-MAX2981 Datasheet
178Kb / 12P
   Integrated Powerline Communication Analog Front-End Transceiver and Line Driver
Rev 0; 7/09
logo
Texas Instruments
AFE031 TI1-AFE031 Datasheet
1Mb / 56P
[Old version datasheet]   Powerline Communications Analog Front-End
SEPTEMBER2011
AFE030 TI1-AFE030 Datasheet
992Kb / 58P
[Old version datasheet]   Powerline Communications Analog Front-End
logo
STMicroelectronics
ST-PLC-AFE STMICROELECTRONICS-ST-PLC-AFE Datasheet
2Mb / 58P
   Power-line communication, analog front-end
logo
Texas Instruments
TMS320F28PLC84 TI1-TMS320F28PLC84 Datasheet
1Mb / 132P
[Old version datasheet]   TMS320F28PLC8x Power Line Communications (PLC) Processors
logo
Analog Devices
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com