Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1744EUB+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1744EUB+
Description  High-Voltage, Step-Down DC-DC Controllers in μMAX
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1744EUB+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1744EUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
High-Voltage, Step-Down DC-DC
Controllers in µMAX
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise specified.)
REFERENCE OUTPUT VOLTAGE CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
-4
-3
-2
-1
0
1
2
3
4
5
-5
-50
125
VOUT
2V/div
SHUTDOWN
PULSE
5V/div
MAX1744
ENTERING/EXITING SHUTDOWN
MAX1744/5toc11
2ms/div
RL = 3.3
Ω
VIN = 7.2V, VOUT = 3.3V, LOAD CURRENT = 0.1A TO 2A
A: VOUT, 50mV/div, 3.3V AC-COUPLED
B: LOAD CURRENT, 1A/div
LOAD-TRANSIENT RESPONSE
A
B
50
μs/div
VOUT = 5V, LOAD CURRENT = 1A
A: VOUT, 100mV/div, AC-COUPLED
B: VIN, 6V TO 12V, 5V/div
LINE-TRANSIENT RESPONSE
A
B
4ms/div


Similar Part No. - MAX1744EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744EUB++ MAXIM-MAX1744EUB+ Datasheet
272Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
More results

Similar Description - MAX1744EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744_09 Datasheet
272Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Linear Technology
LTC3801 LINER-LTC3801_1 Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
   High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Linear Technology
LTC3832-1 LINER-LTC3832-1_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830 LINER-LTC3830_15 Datasheet
275Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com