Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA5010B Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA5010B
Description  X Band Driver Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5010B Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA5010B Datasheet HTML 1Page - United Monolithic Semiconductors CHA5010B Datasheet HTML 2Page - United Monolithic Semiconductors CHA5010B Datasheet HTML 3Page - United Monolithic Semiconductors CHA5010B Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CHA5010b
X Band Driver Amplifier
Ref. : DSCHA50100096 - 05-Apr-00
2/4
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
(1)
Tamb = +25°C, Vd = 8V, Vg = -1.5V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
9
10.5
GHz
G
Small signal gain @ Pin = +5dBm
14
15
dB
∆G
Small signal gain flatness
± 1.5
dB
P1db
Pulsed output power @ Pin = +13dBm
26
27
dBm
PAE
Power added efficiency at saturation
15
%
VSWRin
Input VSWR (2)
2.0:1
Id
Bias current
520
mA
(1) These values are representative of on-wafer pulsed measurements that are made without
bonding wires at the RF ports.
(2) Vd = 3.5V, Vg = -1.5V, [S] parameter measurements.
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vd
Positive supply voltage
+10
V
Pdiss
Maximum power dissipated
7.0 @ Ta = +25°C
4.3 @ Ta = +70°C
W
Vg
Negative supply voltage
-3.5 to 0
V
Pin
Maximum peak input power overdrive (2)
+20
dBm
Ta
Operating temperature range
-25 to +70
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these paramaters may cause permanent damage.
(2) Duration < 1s.


Similar Part No. - CHA5010B

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012 Datasheet
715Kb / 8P
   X Band Driver Amplifier
CHA5012 UMS-CHA5012 Datasheet
514Kb / 10P
   X Band Driver Amplifier
CHA5012 UMS-CHA5012 Datasheet
526Kb / 10P
   X Band Driver Amplifier
CHA5012-99F UMS-CHA5012-99F Datasheet
514Kb / 10P
   X Band Driver Amplifier
CHA5012-99F00 UMS-CHA5012-99F00 Datasheet
514Kb / 10P
   X Band Driver Amplifier
More results

Similar Description - CHA5010B

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012_15 Datasheet
526Kb / 10P
   X Band Driver Amplifier
CHA5012 UMS-CHA5012 Datasheet
715Kb / 8P
   X Band Driver Amplifier
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700 Datasheet
223Kb / 15P
   X-Band Driver Amplifier
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012_10 Datasheet
514Kb / 10P
   X Band Driver Amplifier
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700_15 Datasheet
614Kb / 16P
   X Band Driver Amplifier
logo
United Monolithic Semic...
CHA5014-99F UMS-CHA5014-99F_15 Datasheet
591Kb / 8P
   X Band HBT Driver Amplifier
logo
HBH Microwave GmbH
HA5002 HBH-HA5002 Datasheet
17Kb / 1P
   X-Band Amplifier
logo
TriQuint Semiconductor
TGA4512-SM TRIQUINT-TGA4512-SM_15 Datasheet
670Kb / 13P
   Ka-Band Driver Amplifier
TGA4042-EPU TRIQUINT-TGA4042-EPU Datasheet
321Kb / 10P
   Q-Band Driver Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com