Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC-8890-A10-03 Datasheet(PDF) 1 Page - AAEON Technology

Part # MPC-8890-A10-03
Description  Intel Pentium M or Celeron M Processors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

MPC-8890-A10-03 Datasheet(HTML) 1 Page - AAEON Technology

  MPC-8890-A10-03 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Computing Platform Service Partner
08-1
Note: All specifications are subject to change without notice.
08-2
www.aaeon.com
08-1
Note: All specifications are subject to change without notice.
08-2
www.aaeon.com
Features
Supports Socket 478 Intel® Pentium® M/ Celeron® M Processors
or Onboard Low Power Intel® Pentium® M Processor
AC-97 3D Surround 6 Channel Audio
Supports PCI and Mini PCI Slots
Supports Type II CompactFlash
Supports 4/5/8 Wire Resistive Touch Screen
4 COM/ 4 USB2.0/ Digital I/O/ TV-out Ports
1701400453
IDE Cable
1701340600
Floppy Disk Drive Cable
1701100207
COM Port Cable
1709070500
SATA150 Cable
1702150150
SATA Power Cable
1700140164
6CH Audio Cable
1700080180
TV-out Cable
1759200156
CPU Cooler
P90657B000
CFD Cover
QuickInstallation
Guide
UtilityCD
MPC-8890
Packing List
TF-MPC-8890-A10
Media PC Board, S-478M, LCD-TV, DDR, 2 LAN, Audio, 4 COM, USB 2.0, CF, M-PCI, ATX, Rev. A1.0
TF-MPC-8890-A10-01
Media PC Board, S-478M, LCD-TV, DDR, LAN+GbE, Audio, 4 COM, USB 2.0, CF, M-PCI, ATX, Rev. A1.0
TF-MPC-8890-A10-02
Media PC Board, S-478M, LCD-TV, DDR, LAN, Audio, 3 COM+Touch, USB 2.0, CF, M-PCI, ATX, Rev. A1.0
TF-MPC-8890-A10-03
Media PC Board, S-478M, LCD-TV, DDR, GbE, Audio, 3 COM+Touch, USB 2.0, CF, M-PCI, ATX, Rev.A1.0
MPC-8890-A10
AIO Media PC, Socket 478, LVDS, TV-out, 2 LAN, 6CH AC97, 4 COMs, Mini PCI, CFD, Rev. A1.0
MPC-8890-A10-01
AIO Media PC, Socket 478, LVDS, TV-out, LAN+GbE, 6CH AC97 .4 COMs, Mini PCI, CFD, Rev. A1.0
MPC-8890-A10-02
AIO Media PC, Socket 478, LVDS, TV-out, LAN, 6CH AC97, 3 COMs, Touch, Mini PCI, CFD, Rev. A1.0
MPC-8890-A10-03
AIO Media PC, Socket 478, LVDS, TV-out, GbE, 6CH AC97, 3 COMs, Touch, Mini PCI, CFD, Rev. A1.0
Ordering Information
MPC-8890
Intel® Pentium® M or Celeron® M Processors
System
Processor
Supports Socket 478 Intel® Pentium® M/ Celeron® M processors up to
2.0GHz, or onboard Low Voltage Intel® Pentium® M processor 1.1GHz/
Celeron® M processor 600MHz
System Memory
184-pin DDR SDRAM DIMM x 1, Max, 1024MB (DDR266/333)
Chipset
Intel® 855GME + Intel® 6300ESB (Hance Rapids)
I/O Chipset
Intel® 6300ESB + ITE 8712
Ethernet
Intel® 82551QM/ER 10/100Base-TX,
Intel® 82541GI/ER 10/100/1000Base-TX,
RJ-45 connector x 2
BIOS
AWARD 512KB FLASH ROM
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages fan speed and temperatures
monitoring
SSD
Type II CompactFlash™ slot x 1
Expansion Interface
Type III Mini PCI socket x 1, PCI slot x 1
Battery
Lithium battery
Power Requirement
ATX
Board Size
7.9”(L) x 6.4”(W) (200.6mm x 163mm)
Gross Weight
1.2 lb (0.5kg)
Operating Temperature
32˚F ~ 140˚F (0˚C ~ 60˚C)
Display
Supports CRT and LCD simultaneous/independent display
Chipset
Intel® 855GME (Extreme Graphic 2)
Memory
Shared memory up to 224MB with DVMT 3.0
Resolutions
up to 1600x1200@32bpp colors for CRT
up to 1280x1024@24bpp colors for LCD
LCD Interface
up to 48-bit dual channel LVDS TFT LCD
TV-out
Supports NTSC and PAL standard
I/O
MIO
EIDE x 2 (UDMA100 x 2), Floppy Disk Drive x 1, Keyboard x 1,
Mouse x 1, RS-232 x 3, RS-232/422/485 x 1, Parallel x 1
IrDA
One IrDA TX/RX header
Audio
MIC-in, Line-in, Line-out/ Speaker-out 5.1 Output.
USB
Two Type-A (dual) connectors support 4 USB 2.0 ports (External)
One 5x2-pin header supports 2 USB 2.0 ports (Internal)
Digital I/O
Supports 8 in, 8 out, 4 in + 4 out
TouchScreen
Supports 4/5/8 Wire Resistive Touch Screen
Specifications
IDE connectors
PS/2 Keyboard & Mouse Mini-DIN
Power input connector
PCI slot
LVDS pin header
CFD slot (back)
Floppy Disk Drive
connector
COM port pin headers
Serial ATA pin headers
Type III Mini PCI slot
CRT D-Sub & Audio jack
USB port & RJ-45
Ethernet connectors
Printer port & COM port D-Sub
1701440182
Slim Hard Disk Drive ATA100 Cable 18cm
1709100201
USB Cable with Bracket
PCM-3538R-B10
Daughter Board 18/24/36/48bit TTL Receiver,
Rev. B1.0
PER-1110-A10
Riser Card for PCI, 2-slot
PER-C10L-A10
Mini PCI 10/100 Base-TX Ethernet Module
with Realtek 8100C
PER-C10L-A10-01
Mini PCI 10/100/1000 Base-TX Ethernet
Module with Realtek 8110S
PER-C10L-A10-02
Mini PCI 10/100 Base-TX Ethernet Module
with Intel® 82551QM
PER-C10L-A10-03
Mini PCI 10/100/1000 Base-TX Ethernet
Module with Intel® 82541GI
PER-C30F-A10
Mini PCI 3-port IEEE 1394a Module
PER-V30C-A10
Mini PCI Single Channel Capture Module with
Philips SAA7135
PER-C40C-A10
Mini PCI 2-port RS-232 Module Rev. A1.0
PER-C40C-A10-01
Mini PCI 4-port RS-232 Module Rev. A1.0
Optional Accessories
DDR DIMM slot


Similar Part No. - MPC-8890-A10-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPC-2 ETC2-MPC-2 Datasheet
739Kb / 16P
   MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
logo
Moxa Inc.
MPC-2070 MOXA-MPC-2070 Datasheet
1Mb / 5P
   7-inch industrial fanless panel computers
MPC-2070-E2-LB-T MOXA-MPC-2070-E2-LB-T Datasheet
1Mb / 5P
   7-inch industrial fanless panel computers
MPC-2070-E2-LB-T-W7E MOXA-MPC-2070-E2-LB-T-W7E Datasheet
1Mb / 5P
   7-inch industrial fanless panel computers
MPC-2070-E2-T MOXA-MPC-2070-E2-T Datasheet
1Mb / 5P
   7-inch industrial fanless panel computers
More results

Similar Description - MPC-8890-A10-03

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-8300 AAEON-PCM-8300 Datasheet
711Kb / 1P
   Intel Pentium M or Celeron M Processors
PCM-6897L AAEON-PCM-6897L Datasheet
726Kb / 1P
   Intel Pentium III or Celeron Processors
PCM-6897 AAEON-PCM-6897 Datasheet
678Kb / 1P
   Intel Pentium III or Celeron Processors
XTX-915 AAEON-XTX-915 Datasheet
206Kb / 1P
   Intel Pentium M/ Celeron짰 M Processors
logo
ADL Embedded Solutions
ADL855HD ADL-ADL855HD Datasheet
215Kb / 2P
   Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
ADL855HD ADL-ADL855HD_15 Datasheet
480Kb / 2P
   Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
logo
AAEON Technology
EMB-845M AAEON-EMB-845M Datasheet
433Kb / 1P
   Intel Pentium 4 and Celeron Processors
PCM-6890B AAEON-PCM-6890B Datasheet
372Kb / 1P
   Intel Pentium III and Celeron Processors
SBC-659P AAEON-SBC-659P Datasheet
410Kb / 1P
   Intel Pentium III and Celeron Processors
FWS-2300 AAEON-FWS-2300 Datasheet
291Kb / 2P
   Desktop Intel Pentium M/ Celeron M Network Appliance With 4 LAN Ports
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com