Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSD-1202 Datasheet(PDF) 8 Page - ams AG

Part # NSD-1202
Description  Dual Piezo Motor Driver IC for SQL Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

NSD-1202 Datasheet(HTML) 8 Page - ams AG

Back Button NSD-1202 Datasheet HTML 4Page - ams AG NSD-1202 Datasheet HTML 5Page - ams AG NSD-1202 Datasheet HTML 6Page - ams AG NSD-1202 Datasheet HTML 7Page - ams AG NSD-1202 Datasheet HTML 8Page - ams AG NSD-1202 Datasheet HTML 9Page - ams AG NSD-1202 Datasheet HTML 10Page - ams AG NSD-1202 Datasheet HTML 11Page - ams AG NSD-1202 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.austriamicrosystems.com
Revision 0.1
8 - 13
NSD-1202
Data Sheet - D e t a i l e d D e s c r i p t i o n
7.5 Period Counter
The period counter is used to define the switching frequency of the motor. The pulse period is generated by dividing the clock input frequency by
the given period counter value.
The MSB of the high byte of the pulse counter (h) is used to enable the internal frequency doubler. This function should be used only for input
clock frequencies of 10MHz or less. At 20MHz input clock a decimal period counter value of 111 gives an output frequency of 180.18 kHz. A
period counter value of 112 results in a switching frequency of 178.75 kHz. This is equal to a maximum frequency step of 1.61 kHz. The
frequency resolution gets better for lower output frequencies, assuming a fixed input clock frequency.
The following table presents examples of the period counter and output switching frequency relationship. The values are given for 20MHz and
10MHz clock input frequency. (At 10MHz the frequency doubler can be activated, which leads to the same results.)
7.6 Pulse Counter
The pulse counter sets the number of pulses the motor should be active. Writing all zeros to the pulse counter stops the motor, even if the
previous set counter value is not completed. All outputs are then low. The same is valid for power-down mode. Bit 6 of the high byte in the pulse
counter (d) is used to set the direction of motor motion.
7.7 Output Voltage Register
This register is used to define the output voltage of the boost converter. The register value is directly transferred to the analog part. The default
value for this register set during power up or power down (XPD = LOW) is equal to 35V nominal output voltage.
Varying the output voltage can be used to vary the speed of the motor. However, if two motors are being driven, both motors use a common
output voltage and therefore one setting applies to both motors. To control the speed of two motors independently, use the Duty Cycle Register.
Period Counter Value
Typ
Unit
0110 1111
180.18
kHz
0111 0000
178.57
kHz
1000 0101
150.37
kHz
1000 0110
149.25
kHz
1000 1110
140.85
kHz
1000 1111
139.86
kHz
Pulse Counter Value
Typ
Unit
Conditions
XXXX X000 0000 0000
0
pulses
Motor is off, driver outputs are low
XXXX X100 0000 0000
1024
pulses
XXXX X111 1111 1111
2047
pulses
Maximum possible number of pulses
Output Voltage Register
Typ
Unit
Conditions
0001 0001
24.0
V
0001 0010
24.5
V
0001 1111
31.0
V
0010 0111
35.0
V
Default value
0011 0000
39.5
V
0011 0001
40.0
V


Similar Part No. - NSD-1202

ManufacturerPart #DatasheetDescription
logo
ams AG
NSD-1202 AMSCO-NSD-1202 Datasheet
843Kb / 14P
   Dual Piezo Motor Driver IC for SQL Series SQUIGGLE Motors
NSD-1202BQFT AMSCO-NSD-1202BQFT Datasheet
843Kb / 14P
   Dual Piezo Motor Driver IC for SQL Series SQUIGGLE Motors
NSD-1202 AMSCO-NSD-1202_07 Datasheet
843Kb / 14P
   Dual Piezo Motor Driver IC for SQL Series SQUIGGLE Motors
More results

Similar Description - NSD-1202

ManufacturerPart #DatasheetDescription
logo
ams AG
NSD-1202 AMSCO-NSD-1202_07 Datasheet
843Kb / 14P
   Dual Piezo Motor Driver IC for SQL Series SQUIGGLE Motors
NSD-2101 AMSCO-NSD-2101_07 Datasheet
1Mb / 23P
   Piezo Motor Driver ASIC for SQL-RV Series Reduced Voltage SQUIGGLE RV and UTAF Motors
NSD-2101 AMSCO-NSD-2101 Datasheet
646Kb / 22P
   Piezo Motor Driver ASIC for SQL-RV Series Reduced Voltage SQUIGGLE짰 RV and UTAF??Motors
logo
Toshiba Semiconductor
TB6612FNG TOSHIBA-TB6612FNG Datasheet
587Kb / 11P
   Driver IC for Dual DC motor
logo
Sipex Corporation
TB6592FL SIPEX-TB6592FL Datasheet
138Kb / 10P
   Dual-Bridge Driver IC for DC motor
logo
Toshiba Semiconductor
TB67H302HG TOSHIBA-TB67H302HG Datasheet
970Kb / 23P
   Dual Bridge Driver IC for DC motor
logo
Sanyo Semicon Device
LV8491CT SANYO-LV8491CT Datasheet
422Kb / 20P
   Piezo Actuator Driver IC
logo
ON Semiconductor
LV8094CT ONSEMI-LV8094CT Datasheet
383Kb / 15P
   Piezo Actuator Driver IC
June, 2013
logo
Sanyo Semicon Device
LV8094CT SANYO-LV8094CT Datasheet
586Kb / 15P
   Piezo Actuator Driver IC
logo
ON Semiconductor
LV8491CT ONSEMI-LV8491CT Datasheet
139Kb / 20P
   Piezo Actuator Driver IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com