Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE10 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # P6KE10
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

P6KE10 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  P6KE10 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. P6KE10 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
P6KE SERIES
GLASS PASSIVATED JUNCTION TRAN-
SIENT VOLTAGE SUPPRESSOR
GLASS PASSIVATED JUNCTION TRAN-
SIENT VOLTAGE SUPPRESSOR
RATING AND CHARACTERISTICS CURVES
P6KE SERIES
Fig. 1 - PEAK PULSE POWER VS PULSE TIME
td, PULSE WIDTH, SEC
0.1 s
1.0 s
10 s
100 s
0.1
100
10
1.0
Non-Repetitive
Pulse waveform
Shown in Flgure 3
0
TA=25 C
1.0ms
10ms
0
TA, AMBIENT TEMPERATURE, C
Fig. 2 - PULSE DERATING CURVE
50
75
100
25
0
25
0
50
75
100
125
150
175
200
50
100
150
0
0
1.0
2.0
3.0
4.0
tf=10 se
Peak Value
Ippm
Half Value-Ipp
2
10/1000 sec Waveform
as Defined by R.E.A
E-kt
td
Fig. 3 - PULSE WAVEFORM
0
T =25 C
A
Pulse Width (td) is Defined
as the Poitn Where the Peak
Current Decays to 50% of Ipp
t, TIME, ms
1
5
10
50
100
Fig. 6 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
10
100
200
50
T =T max
JJ
8.3ms Single Half Sine Wave
JEDEC Method
Fig. 5 - STEADY STATE POWER
DERATING CURVE
5.00
3.75
2.50
1.25
0
0
TL, LEAD TEMPERATURE, C
25
0
50
75
100
125
150
175
200
l=375"(9.5mm)
20mmx20mmx1mm
Copper Heat Sinks
(0.8"x0.8"x.040")
Fig. 4 - TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
0
T =25C
J
f=1.0MHz
Vsig=50mVp-p
Measursd at
Zero Bias
Measursd at
Stand-Off
Voltage(V MW)
1.0
20
2.0
10
100 200
V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS
10
20
40
60
80
100
200
400
600
800
1,000
2,000
4,000
6,000


Similar Part No. - P6KE10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE10 PANJIT-P6KE10 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shunye Enterprise
P6KE10 SHUNYE-P6KE10 Datasheet
506Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P6KE10 PANJIT-P6KE10 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Microsemi Corporation
P6KE10 MICROSEMI-P6KE10 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
RFE international
P6KE10 RFE-P6KE10 Datasheet
377Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
More results

Similar Description - P6KE10

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com