Electronic Components Datasheet Search |
|
SA7.0A Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD. |
|
SA7.0A Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD. |
2 / 2 page CHENG- YI CHENG- YI ELECTRONIC SA5.0 thru SA170CA GLASS PASSIVATED JUNCTION TRAN- SIENT VOLTAGE SUPPRESSOR GLASS PASSIVATED JUNCTION TRAN- SIENT VOLTAGE SUPPRESSOR RATING AND CHARACTERISTICS CURVES SA5.0 THRU SA170CA Fig. 1 - PEAK PULSE POWER VS PULSE TIME td, PULSE WIDTH, SEC 0.1 s 1.0 s 10 s 100 s 0.1 100 10 1.0 Non-Repetitive Pulse waveform Shown in Flgure 3 0 TA=25 C 1.0ms 10ms 0 TA, AMBIENT TEMPERATURE, C Fig. 2 - PULSE DERATING CURVE 50 75 100 25 0 25 0 50 75 100 125 150 175 200 50 100 150 0 0 1.0 2.0 3.0 4.0 tf=10 se Peak Value Ippm Half Value-Ipp 2 10/1000 sec Waveform as Defined by R.E.A td Fig. 3 - PULSE WAVEFORM 0 T =25 C A Pulse Width (td) is Defined as the Poitn Where the Peak Current Decays to 50% of Ipp t, TIME, ms 1 2 4 8 6 10 20 40 60 80100 Fig. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT NUMBER OF CYCLES AT 60 Hz 10 100 200 50 T =T max JJ 8.3ms Single Half Sine Wave JEDEC Method Fig. 5 - STEADY STATE POWER DERATING CURVE 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 TL, LEAD TEMPERATURE, C 25 0 50 75 100 125 150 175 200 l=375"(9.5mm) 40mmx40mmx1mm Cu (1.58"x1.58"x.040") Fig. 4 - TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL 0 T =25C J f=1.0MHz Vsig=50mVp-p Measursd at Zero Bias Measursd at Stand-Off Voltage(V MW) 1.0 20 2.0 10 100 200 V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS 10 20 40 60 80 100 200 400 600 800 1,000 2,000 4,000 6,000 e-kt |
Similar Part No. - SA7.0A |
|
Similar Description - SA7.0A |