Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF3G Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # UF3G
Description  SURFACE MOUNT ULTRAFAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

UF3G Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  UF3G Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. UF3G Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
-50 TO 800 VOLTS
CURRENT
-3.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, reistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
Maximum RMS Voltage
Maximum DC Blocking Voltage
UNITS
V
V
V
UF3A
50
35
50
UF3B
100
70
100
UF3D
200
140
200
UF3G
400
280
400
Maximum Average Forward Rectified Current,
0
at TL=75 C
I(AV)
A
3.0
IFSM
Peak Forward Surge Current
8.3 ms single half sine-wave superimposed
0
T
on rated load (JEDEC Method)
=55 C
A
A
100.0
UF3J
600
420
600
UF3K
800
560
800
Notes : 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0 MHZ and Applied Vr=4.0 volts.
2
3. 8.0mm (.013mm thick) land areas.
T, TSTG
J
Operating and Storage Temperature Range
0C
-50 to +150
Maximum Thermal Resistance (Note 3)
15
0C/W
RJL
Typical Junction Capacitance (Note 2)
0
T
Maximum Reverse Recovery Time (Note 1) =25 C
J
V
F
IR
TRR
CJ
Maximum Instantaneous Forward Voltage at 3.0A
0
T
Maximum DC Reverse Current
@
=25 C
A
0
T
at Rated DC Blocking Voltage
@
=100 C
A
A
nS
V
10.0
300
50.0
75.0
100.0
63
1.0
1.4
1.7
pF
SURFACE MOUNT ULTRAFAST
RECTIFIER
SURFACE MOUNT ULTRAFAST
RECTIFIER
SMC/DO-214AB
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.305(7.75)
.320(8.13)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.260(6.60)
.280(7.11)
.220(5.59)
.245(6.22)
.108(2.75)
.128(3.25)
Dimensions in inches and (millimeters)
UF3A thru UF3K
FEATURES
For surface mounted applications
Low profile package
Built-in strain relief
Easy pick and place
Ultrafast recovery times for high efficiency
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass passivated junction
High temperature soldering
o
260 C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity: Indicated by cathode band
Standard Packaging: 16mm tape (EIA-481)
Weight: 0.007 ounces, 0.21 gram


Similar Part No. - UF3G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF3G PANJIT-UF3G Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
Yea Shin Technology Co....
UF3G YEASHIN-UF3G Datasheet
44Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
logo
Surge Components
UF3G SURGE-UF3G Datasheet
86Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 3.0 Ampere????
logo
Shanghai Shunye Electro...
UF3G SHUNYE-UF3G Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Transys Electronics
UF3G TRSYS-UF3G Datasheet
180Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

Similar Description - UF3G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1A PANJIT-UF1A_04 Datasheet
38Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
US1A PANJIT-US1A_05 Datasheet
47Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1K-E3 VISHAY-US1K-E3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 30-Oct-13
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
   Surface-Mount Ultrafast Rectifier
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com