Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1602 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # UF1602
Description  ULTRAFAST SWITCHING RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

UF1602 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  UF1602 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. UF1602 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20
16
12
8
4
0
0
50
100
150
o
CASE TEMPERATURE, C
Fig. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
Fig. 2 - TYPICAL REVERSE CHARACTERISTICS
Fig. 1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
125
100
75
50
25
80
40
20
10
3.0
1.0
0.3
0.1
0.03
0.01
1
2
5
10
20
50
100
1000
100
10
1.0
0.1
20
40
60
80
100 120 140
0.4 0.6 0.8 1.0 1.2 1.4 1.8
Fig. 5 - TYPICAL FORWARD CHARACTERISTICS
FORWARD VOLTAGE, VOLTS
Munber of cycles at 60 HZ
50
Noninductive
1
NON-
Inductive
NOTES:1. Rise Time=7ns max.
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance=50 Ohms.
10
Noninductive
D.U.T.
OSCILLOSCOPE
NOTE 1
PULSE
GENERATOR
NOTE 2
25 Vdc
(approx)
(+)
(+)
()
()
SET TIME
BASE FOR
10ns/cm
1cm
-1.0
-0.25
0
+0.5A
trr
PERCENT OF RATED PEAK REVERSE VOLTAGE
0
T =25C
J
0
T =125 C
J
0
TJ=25 C
8.3ms Single Half Since-Wave
JEDEC Method
Fig. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
300
250
200
150
100
50
0
1
2
5
10
20
50 100
200
500
Fig. 4 - TYPICL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
UF1600
UF1608
UF1600
RATING AND CHARACTERISTICS CURVES
UF1600 THRU UF1608
CHENG- YI
CHENG- YI
ELECTRONIC
UF1608
0
T =25C
J
ULTRAFAST SWITCHING RECTIFIERS
ULTRAFAST SWITCHING RECTIFIERS
UF1600 thru UF1608


Similar Part No. - UF1602

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
UF1602 TRSYS-UF1602 Datasheet
176Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Won-Top Electronics
UF1602CT WTE-UF1602CT Datasheet
49Kb / 3P
   16A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1602CT WTE-UF1602CT Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1602CT PANJIT-UF1602CT Datasheet
41Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF1602CT PANJIT-UF1602CT Datasheet
87Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
More results

Similar Description - UF1602

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
UF1000F CHENG-YI-UF1000F Datasheet
181Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
UF800 CHENG-YI-UF800 Datasheet
160Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
UF1000 CHENG-YI-UF1000 Datasheet
170Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
logo
Diotec Semiconductor
UF600A DIOTEC-UF600A Datasheet
154Kb / 2P
   Ultrafast Switching Si-Rectifiers
UF5400 DIOTEC-UF5400 Datasheet
153Kb / 2P
   Ultrafast Switching Si-Rectifiers
UF4001 DIOTEC-UF4001 Datasheet
153Kb / 2P
   Ultrafast Switching Si-Rectifiers
logo
CHENG-YI ELECTRONIC CO....
UF800F CHENG-YI-UF800F Datasheet
171Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIERS
UF1600F CHENG-YI-UF1600F Datasheet
181Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIERS
logo
Diotec Semiconductor
SUF4001 DIOTEC-SUF4001 Datasheet
162Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
logo
Pan Jit International I...
UF600G PANJIT-UF600G_04 Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com