Electronic Components Datasheet Search |
|
P4SMAJ14CA Datasheet(PDF) 1 Page - Transys Electronics |
|
P4SMAJ14CA Datasheet(HTML) 1 Page - Transys Electronics |
1 / 5 page P4SMAJ SERIES SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 400Watt Peak Power Pulse FEATURES l For surface mounted applications in order to optimize board space l Low profile package l Built-in strain relief l Glass passivated junction l Low inductance l Excellent clamping capability l Repetition Rate(duty cycle):0.01% l Fast response time: typically less than 1.0 ps from 0 volts to BV for undirectional types l Typical ID less than 1 A above 10V l High temperature soldering : 250 /10 seconds at terminals l Plastic package has Underwriters Laboratory Flammability Classification 94V-O MECHANICAL DATA Case: JEDEC DO-214AC low profile molded plastic Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Indicated by cathode band except bi-directional types Weight: 0.002 ounces, 0.064 gram Standard packaging:12 mm tape per(EIA 481) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. SYMBOL VALUE UNITS Peak Pulse Power Dissipation at TA=25 , Fig. 1 (Note 1,2,5) PPPM Minimum 400 Watts Peak forward Surge Current per Fig. 5 (Note 3) IFSM 40.0 Amps Peak Pulse Current current on 10/1000 s waveform (Note 1,Fig 2) IPPM See Table 1 Amps Steady State Power Dissipation (Note 4) PM(AV) 1.0 Watts Operating Junction and Storage Temperature Range TJ,TSTG -55 to +150 NOTES: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25 per Fig. 2. 2.Mounted on 5.0mm 2 copper pads to each terminal. 3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum. SMA/DO-214AC |
Similar Part No. - P4SMAJ14CA |
|
Similar Description - P4SMAJ14CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |