Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1206TF Datasheet(PDF) 2 Page - Electronic Film Capacitors, Inc.

Part # M1206TF
Description  Snubber Capacitors Polypropylene
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

M1206TF Datasheet(HTML) 2 Page - Electronic Film Capacitors, Inc.

  M1206TF Datasheet HTML 1Page - Electronic Film Capacitors, Inc. M1206TF Datasheet HTML 2Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRONIC FILM CAPACITORS, INC.
PHONE (203) 755-5629
FAX (203) 755-0659
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
DIMENSIONS and RATINGS
0.001
0.0012
0.0015
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
CAP.
µµµµµF
inches (mm)
inches (mm)
M1206TF-3
400VDC/250VAC
M1206TF
inches (mm)
inches (mm)
inches (mm)
M1206TF-3
T
HL
630VDC/300VAC
+
<
><
L _.050"
>
1.625"
Min.
W
<
>
+
M1206TF
_ .050"
+
T
Oval
Wrap and Fill
.050"
_
inches (mm)
T
HL
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.130
(3.4)
0.150
(3.9)
0.160
(4.1)
0.200
(5.0)
0.130
(3.3)
0.150
(3.9)
0.170
(4.3)
0.190
(4.9)
0.160
(4.0)
0.180
(4.6)
0.210
(5.3)
0.220
(5.7)
0.250
(6.5)
0.290
(7.5)
0.340
(8.6)
0.330
(8.3)
0.330
(8.3)
0.410 (10.5)
0.460 (11.8)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.320
(8.2)
0.320
(8.2)
0.330
(8.5)
0.350
(9.0)
0.410 (10.4)
0.400 (10.1)
0.380
(9.6)
0.400 (10.1)
0.420 (10.6)
0.440 (11.3)
0.410 (11.3)
0.430 (11.0)
0.460 (11.6)
0.520 (13.3)
0.550 (14.1)
0.590 (15.1)
0.640 (16.2)
0.620 (15.9)
0.720 (18.4)
0.710 (18.1)
0.760 (19.4)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.120
(3.1)
0.140
(3.6)
0.160
(4.1)
0.180
(4.6)
0.210
(5.5)
0.240
(6.1)
0.180
(4.6)
0.180
(4.7)
0.230
(6.0)
0.260
(6.6)
0.290
(7.4)
0.240
(6.1)
0.270
(6.9)
0.300
(7.8)
0.340
(8.7)
0.380
(9.7)
0.430 (11.1)
0.420 (10.6)
0.470 (11.9)
0.530 (13.4)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.220
(5.6)
0.250
(6.4)
0.260
(6.5)
0.270
(7.0)
0.290
(7.5)
0.310
(8.0)
0.340
(8.8)
0.370
(9.4)
0.320
(8.1)
0.340
(8.7)
0.360
(9.3)
0.390
(9.9)
0.420 (10.7)
0.370
(9.5)
0.400 (10.2)
0.430 (11.1)
0.470 (12.0)
0.510 (13.0)
0.560 (14.4)
0.530 (13.9)
0.600 (15.2)
0.660 (16.7)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.531 (13.5)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
1.190 (30.3)
1.190 (30.3)
1.190 (30.3)
Snubber Capacitors
Polypropylene


Similar Part No. - M1206TF

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
M1206TF-3-0.01-1-1.6-1 EFC-M1206TF-3-0.01-1-1.6-1 Datasheet
45Kb / 5P
   POLYPROPYLENE SNUBBER
M1206TF-3-0.01-1-1.6-2 EFC-M1206TF-3-0.01-1-1.6-2 Datasheet
45Kb / 5P
   POLYPROPYLENE SNUBBER
M1206TF-3-0.01-1-1.6-5 EFC-M1206TF-3-0.01-1-1.6-5 Datasheet
45Kb / 5P
   POLYPROPYLENE SNUBBER
M1206TF-3-0.01-1-2.5-1 EFC-M1206TF-3-0.01-1-2.5-1 Datasheet
45Kb / 5P
   POLYPROPYLENE SNUBBER
M1206TF-3-0.01-1-2.5-2 EFC-M1206TF-3-0.01-1-2.5-2 Datasheet
45Kb / 5P
   POLYPROPYLENE SNUBBER
More results

Similar Description - M1206TF

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
MF1206TF EFC-MF1206TF Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206TC EFC-M1206TC Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206EFR EFC-M1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
MF1206TC EFC-MF1206TC Datasheet
13Kb / 1P
   Snubber Capacitors Polypropylene
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
SP1213TC EFC-SP1213TC Datasheet
14Kb / 1P
   Snubber Capacitors Metallized Polypropylene
logo
Cornell Dubilier Electr...
941C CDE-941C Datasheet
353Kb / 5P
   Polypropylene Capacitors, for Pulse, Snubber
logo
Electronic Film Capacit...
MF1206 EFC-MF1206 Datasheet
44Kb / 5P
   POLYPROPYLENE SNUBBER
M1206 EFC-M1206 Datasheet
45Kb / 5P
   POLYPROPYLENE SNUBBER
logo
Jianghai Europe GmbH
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com