Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T108 Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # T108
Description  Video Display Controller
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T108 Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button T108 Datasheet HTML 77Page - List of Unclassifed Manufacturers T108 Datasheet HTML 78Page - List of Unclassifed Manufacturers T108 Datasheet HTML 79Page - List of Unclassifed Manufacturers T108 Datasheet HTML 80Page - List of Unclassifed Manufacturers T108 Datasheet HTML 81Page - List of Unclassifed Manufacturers T108 Datasheet HTML 82Page - List of Unclassifed Manufacturers T108 Datasheet HTML 83Page - List of Unclassifed Manufacturers T108 Datasheet HTML 84Page - List of Unclassifed Manufacturers T108 Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 89 page
background image
T108 Release
Copyright by Terawins, Inc.
81
3.12.8
Chroma Saturation Register
Address Offset:
0Ah
Access:
Read/Write
Default Value:
80h
Size:
8 bits
Bit
Access
Symbol
Description
[7:0]
R/W
SATURATION
Chroma_out
= Chroma_in * SATURATION
where SATURATION is a 1.7-bit fixed point value
3.12.9
Chroma Hue Phase Register
Address Offset:
0Bh
Access:
Read/Write
Default Value:
00h
Size:
8 bits
Bit
Access
Symbol
Description
[7:0]
R/W
HUE
U_out = U_in*cos(
HUE/256*360) + V_in * sin(HUE/256*360)
V_out = V_in*cos(
HUE/256*360) - U_in * sin(HUE/256*360)
3.12.10 Chroma AGC Register
Address Offset:
0Ch
Access:
Read/Write
Default Value:
8ah
Size:
8 bits
Bit
Access
Symbol
Description
[7:0]
R/W
CHROMA_AGC
Chroma AGC target. Default = 138.
3.12.11 AGC Peak Nominal Register
Address Offset:
10h
Access:
Read/Write
Default Value:
0ah
Size:
8 bits
Bit
Access
Symbol
Description
[7]
RO
Reserved
[6:0]
R/W
AGC_PEAK
Luma peak value. Default = 10.
3.12.12 Chroma DTO Incremental 0 Register
Address Offset:
18h
Access:
Read/Write
Default Value:
21h
Size:
8 bits
Bit
Access
Symbol
Description
[7]
R/W
CHROMA_FREQ_FIX Fix chroma frequency.
0: disable (default).
1: enable.
[6]
RO
Reserved
[5:0]
R/W
C_FREQ[29:24]
Bits 29:24 of the 30-bit-wide chroma frequency increment.
3.12.13 Chroma DTO Incremental 1 Register
Address Offset:
19h
Access:
Read/Write
Default Value:
F0h
Size:
8 bits
Bit
Access
Symbol
Description
[7:0]
R/W
C_FREQ[23:16]
Bits 23:16 of the 30-bit-wide chroma frequency increment.
3.12.14 Chroma DTO Incremental 2 Register
Address Offset:
1Ah
Access:
Read/Write
Default Value:
7Ch
Size:
8 bits
Bit
Access
Symbol
Description
[7:0]
R/W
C_FREQ[15:8]
Bits 15:8 of the 30-bit-wide chroma frequency increment.
《液 晶 之 家》 www.fpdclub.net


Similar Part No. - T108

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1080 PULSE-T1080 Datasheet
154Kb / 8P
   TRANSFORMERS
logo
Infineon Technologies A...
T1080N INFINEON-T1080N Datasheet
246Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2010-01-18 revision:3.1
logo
Pulse A Technitrol Comp...
T1081 PULSE-T1081 Datasheet
154Kb / 8P
   TRANSFORMERS
logo
eupec GmbH
T1081N EUPEC-T1081N Datasheet
279Kb / 9P
   Phase Control Thyristor
logo
Infineon Technologies A...
T1081N INFINEON-T1081N Datasheet
254Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 8.0
More results

Similar Description - T108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCN2674 ETC1-SCN2674 Datasheet
1Mb / 32P
   Advanced Video Display Controller (AVDC)
logo
Motorola, Inc
MC2674 MOTOROLA-MC2674 Datasheet
1Mb / 33P
   ADVANCED VIDEO DISPLAY CONTROLLER ( AVDC )
logo
List of Unclassifed Man...
CRT8002 ETC-CRT8002 Datasheet
1Mb / 14P
   CRT VIDEO DISPLAY ATTRIBUTES CONTROLLER VIDEO GENERATOR VDAC
logo
Sanyo Semicon Device
LC74781 SANYO-LC74781 Datasheet
340Kb / 16P
   On-screen Video Display Controller for VCR Products?
LC7475 SANYO-LC7475 Datasheet
332Kb / 16P
   On-screen Display Controller for PAL-format Video
LC7471 SANYO-LC7471 Datasheet
318Kb / 13P
   On-screen Display Controller for NTSC-Format Video
logo
Texas Instruments
9900 TI-9900 Datasheet
5Mb / 104P
[Old version datasheet]   Video Display Processors
NOVEMBER 1982
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
   Video Display Processor
logo
Sanyo Semicon Device
LC7472M SANYO-LC7472M Datasheet
263Kb / 14P
   On-screen Video Display Controller for NTSC or PAL-M?
logo
List of Unclassifed Man...
TMS9927 ETC-TMS9927 Datasheet
363Kb / 5P
   VIDEO TIMER / CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com