Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T108 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # T108
Description  Video Display Controller
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T108 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button T108 Datasheet HTML 65Page - List of Unclassifed Manufacturers T108 Datasheet HTML 66Page - List of Unclassifed Manufacturers T108 Datasheet HTML 67Page - List of Unclassifed Manufacturers T108 Datasheet HTML 68Page - List of Unclassifed Manufacturers T108 Datasheet HTML 69Page - List of Unclassifed Manufacturers T108 Datasheet HTML 70Page - List of Unclassifed Manufacturers T108 Datasheet HTML 71Page - List of Unclassifed Manufacturers T108 Datasheet HTML 72Page - List of Unclassifed Manufacturers T108 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
T108 Release
Copyright by Terawins, Inc.
69
3.8.8
CCFL/LED Control Register
Address Offset:
E7h
Access:
Read/Write
Default Value:
80h
Size:
8 bits
Bit
Access
Symbol
Description
[7]
R/W
DIM_Source_Sel
DIM PWM source select:
0: analog PWM
1: digital PWM
[6]
R/W
DeadTimeControl
Dead Timer Control
[5:4]
R/W
OpnLmp_Current[1:0] Open Lamp Current setting
[3:0]
R/W
Inverter_Freq_Sel[1:0] Inverter frequency selection
3.8.9
PWM_1 General Control Register
Address Offset:
E8h
Access:
Read/Write
Default Value:
07h
Size:
8 bits
Bit
Access
Symbol
Description
[7:6]
R/W
PWM1_Low[4:3]
[5]
R/W
PWM1_Alt_Mode
1: Alternative PWM1 mode; 0: Legacy {PWM1_High/256} mode
[4]
R/W
PWM1_En
Enable PWM_1
[3]
RO
Reserved
[2:0]
R/W
PWM1_Freq_Sel
This register set the PWM1 counter base clock = XCLK / 2^N, N=0, 1,
2, 3, 5, 7, 9, 11. That is, the PWM1 freq = PWM1 base clock freq /
256.
3.8.10
PWM_1 Active High Time Counter Register
Address Offset:
E9h
Access:
Read/Write
Default Value:
80h
Size:
8 bits
Bit
Access
Symbol
Description
[7:5]
R/W
PWM1_High[7:5] /
PWM1_Low[2:0]
InPWM1 legacy mode, this register set PWM1 high time
(PWM1_High[7:0]/256) counted by PWM1 base clock.
In PWM1 Alternative mode, the PWM1 output: PWM1_High[4:0] /
( PWM1_Low[4:0] + PWM1_High[4:0]), based clock is divide from
XCLK , see P0_E8<2:0>
[4:0]
R/W
PWM1_High[4:0]
This register set PWM1 high time counted by PWM1 base clock. The
based clock is divide from XCLK , see P0_E8<2:0>
3.8.11
PWM_2 General Control Register
Address Offset:
EAh
Access:
Read/Write
Default Value:
27h
Size:
8 bits
Bit
Access
Symbol
Description
[7]
R/W
PWM2_Fine_Freq_Mode Select PWM_2 operating clock mode:
0: original XCLK/2^n mode, same as PWM1
1: fine frequency mode, XCLK/PWM2_Fine_Freq[10:0]
[6]
R/W
PWM2_Cfg_FineFreq Select which setting for programming
1: allow configuring clock divider: PWM2_Fine_Freq[10:0];
0: configure original PWM2_Freq_Sel[2:0] and PWM2_High[7:0]
[5]
R/W
CCFL_PWM_Sel
Select digital PWM output to CCFL:
0: PWM1 output
1: PWM2 output
[4]
R/W
PWM2_En
Enable PWM_2
[3]
RO
Reserved
《液 晶 之 家》 www.fpdclub.net


Similar Part No. - T108

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1080 PULSE-T1080 Datasheet
154Kb / 8P
   TRANSFORMERS
logo
Infineon Technologies A...
T1080N INFINEON-T1080N Datasheet
246Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2010-01-18 revision:3.1
logo
Pulse A Technitrol Comp...
T1081 PULSE-T1081 Datasheet
154Kb / 8P
   TRANSFORMERS
logo
eupec GmbH
T1081N EUPEC-T1081N Datasheet
279Kb / 9P
   Phase Control Thyristor
logo
Infineon Technologies A...
T1081N INFINEON-T1081N Datasheet
254Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 8.0
More results

Similar Description - T108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCN2674 ETC1-SCN2674 Datasheet
1Mb / 32P
   Advanced Video Display Controller (AVDC)
logo
Motorola, Inc
MC2674 MOTOROLA-MC2674 Datasheet
1Mb / 33P
   ADVANCED VIDEO DISPLAY CONTROLLER ( AVDC )
logo
List of Unclassifed Man...
CRT8002 ETC-CRT8002 Datasheet
1Mb / 14P
   CRT VIDEO DISPLAY ATTRIBUTES CONTROLLER VIDEO GENERATOR VDAC
logo
Sanyo Semicon Device
LC74781 SANYO-LC74781 Datasheet
340Kb / 16P
   On-screen Video Display Controller for VCR Products?
LC7475 SANYO-LC7475 Datasheet
332Kb / 16P
   On-screen Display Controller for PAL-format Video
LC7471 SANYO-LC7471 Datasheet
318Kb / 13P
   On-screen Display Controller for NTSC-Format Video
logo
Texas Instruments
9900 TI-9900 Datasheet
5Mb / 104P
[Old version datasheet]   Video Display Processors
NOVEMBER 1982
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
   Video Display Processor
logo
Sanyo Semicon Device
LC7472M SANYO-LC7472M Datasheet
263Kb / 14P
   On-screen Video Display Controller for NTSC or PAL-M?
logo
List of Unclassifed Man...
TMS9927 ETC-TMS9927 Datasheet
363Kb / 5P
   VIDEO TIMER / CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com