Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN5399 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # IN5399
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

IN5399 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  IN5399 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. IN5399 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
IN5391 THRU IN5399
IN5391 thru IN5399
PLASTIC SILICON RECTIFIER
PLASTIC SILICON RECTIFIER
CHENG- YI
CHENG- YI
ELECTRONIC
100
10
1
0
15
30
45
60
75
Fig. 1 - TYPICAL FORWARD CHARACTERISTICS
Fig. 2 - PEAK FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz
.01
0.1
1.0
10
.4
.6
.8
1.0
1.2
1.4
1.6
Fig. 3 - FORWARD CURRENT DERATING CURVE
0
AMBIENT TEMPERATURE, C
0
.25
.50
.75
1.00
1.25
1.50
25
50
75
100
150
125
175
100
10
1
1
10
100
Fig. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0
T
= 25 C
J
0
T =25C
J
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INOUCTIVE LOAD
.375" 9.5mm LEAD LENGTH
0
T =25C
J


Similar Part No. - IN5399

ManufacturerPart #DatasheetDescription
logo
Bytes
IN5399G BYTES-IN5399G Datasheet
152Kb / 2P
   1.5 AMP GLASS PASSIVATED RECTIFIERS
logo
List of Unclassifed Man...
IN5399G ETC2-IN5399G Datasheet
154Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
RFE international
IN5399G RFE-IN5399G Datasheet
494Kb / 2P
   GENERAL PURPOSE RECTIFIER 1N5391 (G) Thru 1N5399 (G)
2014.04.02
More results

Similar Description - IN5399

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com