Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK3040 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SK3040
Description  MINIATURE SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SK3040 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SK3040 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SK3040 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR3020 thru SR3060
SK3020 thru SK3060
Notes : 1. Thermal Resistance Junction to Case.
2. Suffix "A" = Common Anode.
FEATURES
Low switching noise
Low forward voltage drop
Low thermal resistance
High current capability
High switching capability
High surge capability
High reliability
MECHANICAL DATA
Case: TO-3P molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: MIL-STD-202 method 208 guaranteed
Mounting position: Any
VOLTAGE RANGE
20 TO 60 Volts
CURRENT
30.0 Amperes
CHENG- YI
CHENG- YI
ELECTRONIC
MINIATURE SCHOTTKY BARRIER
RECTIFIER
MINIATURE SCHOTTKY BARRIER
RECTIFIER
20
Maximum Recurrent Peak Reverse Voltage
Maximum Recurrent Peak Reverse Voltage
Ratings
Characteristics
Symbol
Symbol
Symbol
VRRM
VRMS
VDC
VF
IR
IO
IFSM
TJ
R
JC
TSTG
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Blocking Voltage
Typical Thermal Resistance (Note 1)
Operating Temperature Range
Storage and Operating Temperature Range
Maximum Instantaneous Forward Voltage at 15.0A DC
Maximum Average Reverse Cruuent
at Rated DC Blocking Voltage
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
Maximum Average Forward Rectified Current
.375" (9.5mm) lead length
SK3020
SK3020
SR3020
SK3030
SK3030
SR3030
SK3035
SK3035
SR3035
SK3040
SK3040
SK3050
SK3050
SR3040
SK3045
SK3045
SK3060
SK3060
SR3045
UNITS
UNITS
UNITS
30
35
45
40
50
60
Volts
Volts
Volts
Volts
Amps
Amps
mAmps
mAmps
0C
0C
0C / W
14
21
25
32
28
35
42
20
30
35
45
40
50
1.4
-65 to +125
-65 to +150
.75
-65 to +150
.65
5
50
30.0
300
60
0
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
ELECTRICAL CHARACTERISTICS ( At TA=25 C unless otherwise noted)
0
@TA=25 C
0
@TA=100 C
SR3050 SR3060
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TO-3P


Similar Part No. - SK3040

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SK3040C DEC-SK3040C Datasheet
429Kb / 2P
   30 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Diotec Semiconductor
SK3040CD2 DIOTEC-SK3040CD2 Datasheet
123Kb / 2P
   Surface Mount Schottky Rectifier Diodes - Common Cathode
SK3040CD2 DIOTEC-SK3040CD2 Datasheet
132Kb / 2P
   Surface Mount Schottky Rectifier Diodes. Common Cathode
SK3040CD2 DIOTEC-SK3040CD2 Datasheet
144Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK3040CD2 DIOTEC-SK3040CD2 Datasheet
178Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - SK3040

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SR102 CHENG-YI-SR102 Datasheet
108Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SR1020 CHENG-YI-SR1020 Datasheet
141Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SK120 CHENG-YI-SK120 Datasheet
105Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040-E3 VISHAY-SB040-E3 Datasheet
71Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
CHENG-YI ELECTRONIC CO....
SR302 CHENG-YI-SR302 Datasheet
120Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SK52 CHENG-YI-SK52 Datasheet
119Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
IN5820 CHENG-YI-IN5820 Datasheet
106Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1S20 KOOCHIN-1S20 Datasheet
440Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB020 VISHAY-SB020 Datasheet
353Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 25-Apr-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com