Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR530 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SR530
Description  MINIATURE SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SR530 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  SR530 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SR530 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
SR520 THRU SR5100
CHENG- YI
CHENG- YI
ELECTRONIC
MINIATURE SCHOTTKY BARRIER
RECTIFIER
MINIATURE SCHOTTKY BARRIER
RECTIFIER
3
4
2
1
5
6
0
LEAD TEMPERATURE, C
SINGLE PHASE
HALF WAVE 60 Hz
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.5mm)
LEAD LENGTH
25
0
0
100
75
150
50
125
Fig.1 - TYPICAL FORWARD CHARACTERISTICS
Fig.2 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE VOLTAGE, (V)
5
10
15
20
25
30
40
35
0
10
20
50
5
4
2
2
2
5
10
20
40
1
1
1
.5
.5
.5
.2
.2
.2
.1
.1
.1
.05
.05
.02
.02
0
T =125C(M AX)
C
0
T =1
25C(T
PY)
C
0
T =100C(T PY)
C
0
T =75C(TP Y)
C
0
T =50C(TP Y)
C
Fig.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
.1
.2
.5
1
2
5
10
20
Pulse Width-300 s
1% DUTY CYCLE
.4
.2
0
.6
.8
1
1.2
Fig.4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE(V)
0
T =25 C
J
0
T =125C(S R550~SR560)
J
0
T =125C(S R520~SR540)
J
NUMBER OF CYCLES AT 60 Hz
Fig.5 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
1
25
50
75
100
125
150
2
5
10
20
50
100
SR520 thru SR5100


Similar Part No. - SR530

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SR530 PACELEADER-SR530 Datasheet
657Kb / 2P
   5.0AMP SCHOTTKY BARRIER RECTIFIERS- 20~200Volts
logo
Won-Top Electronics
SR530 WTE-SR530 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
SR530 PFS-SR530 Datasheet
177Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SR530 SUNMATE-SR530 Datasheet
178Kb / 2P
   5.0A Axial Leaded Schottky Barrier Diode
logo
Shenzhen Yixinwei Techn...
SR530 YIXIN-SR530 Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR530

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SR102 CHENG-YI-SR102 Datasheet
108Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SR1020 CHENG-YI-SR1020 Datasheet
141Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SK120 CHENG-YI-SK120 Datasheet
105Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SR3020 CHENG-YI-SR3020 Datasheet
180Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040-E3 VISHAY-SB040-E3 Datasheet
71Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
CHENG-YI ELECTRONIC CO....
SR302 CHENG-YI-SR302 Datasheet
120Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SK52 CHENG-YI-SK52 Datasheet
119Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
IN5820 CHENG-YI-IN5820 Datasheet
106Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1S20 KOOCHIN-1S20 Datasheet
440Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB020 VISHAY-SB020 Datasheet
353Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 25-Apr-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com