Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK330 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SK330
Description  MINIATURE SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SK330 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SK330 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SK330 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20
SK320 thru SK360
Maximum Recurrent Peak Reverse Voltage
Maximum Recurrent Peak Reverse Voltage
Ratings
Characteristics
Symbol
Symbol
VRRM
VRMS
VDC
VF
IR
IO
IFSM
TJ
CJ
R
JC
TSTG
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Blocking Voltage
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
Operating Temperature Range
Storage and Operating Temperature Range
Maximum Instantaneous Forward Voltage at 3.0A DC
Maximum Average Reverse Cruuent
at Rated DC Blocking Voltage
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
Maximum Average Forward Rectified Current
.375" (9.5mm) lead length
20V
SK320
SK330
30V
SK340
40V
SK350
50V
SK360
60V
UNITS
UNITS
30
40
50
60
Volts
Volts
Volts
Volts
Amps
Amps
mAmps
mAmps
0C
0C
0C / W
pF
14
21
28
35
42
20
30
40
50
30
200
-65 to +125
-65 to +150
.70
-65 to +150
.55
3.0
30
3.0
150
60
0
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
ELECTRICAL CHARACTERISTICS ( At TA=25 C unless otherwise noted)
0
@TA=25 C
0
@TC=100 C
Notes : 1. Thermal Resistance (Junction to Ambient ) : Vertical PC Board Mounting, 0.5" (12.7mm) Lead Length
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
FEATURES
Low switching noise
Low forward voltage drop
High current capability
High switching capability
High reliability
High surge capability
MECHANICAL DATA
Case:Molded plastic
Epoxy:UL 94V-0 rate flame retardant
Lead:MIL-STD-202 method 208 quaranteed
Mounting position:Any
VOLTAGE RANGE
20 TO 80 Volts
CURRENT
3.0 Amperes
SMC
DO-214AB
CHENG- YI
CHENG- YI
ELECTRONIC
MINIATURE SCHOTTKY BARRIER
RECTIFIER
MINIATURE SCHOTTKY BARRIER
RECTIFIER


Similar Part No. - SK330

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SK330 SY-SK330 Datasheet
302Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SK330DT SECOS-SK330DT Datasheet
236Kb / 2P
   Low VF Schottky Barrier Rectifiers
SK330DT-C SECOS-SK330DT-C Datasheet
236Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Cornell Dubilier Electr...
SK330M010ST CDE-SK330M010ST Datasheet
434Kb / 6P
   85 ?C Radial Leaded Aluminum Electorlytic Capacitors
SK330M010ST CDE-SK330M010ST Datasheet
551Kb / 8P
   2000 Hour Long Life, General Purpose Aluminum Electrolytic
More results

Similar Description - SK330

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SR102 CHENG-YI-SR102 Datasheet
108Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SR1020 CHENG-YI-SR1020 Datasheet
141Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SK120 CHENG-YI-SK120 Datasheet
105Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SR3020 CHENG-YI-SR3020 Datasheet
180Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040-E3 VISHAY-SB040-E3 Datasheet
71Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
CHENG-YI ELECTRONIC CO....
SR302 CHENG-YI-SR302 Datasheet
120Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SK52 CHENG-YI-SK52 Datasheet
119Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
IN5820 CHENG-YI-IN5820 Datasheet
106Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1S20 KOOCHIN-1S20 Datasheet
440Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB020 VISHAY-SB020 Datasheet
353Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 25-Apr-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com