Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR2502A Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SBR2502A
Description  SILICON / GLASS PASSIVATED THREE PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SBR2502A Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SBR2502A Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SBR2502A Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBR 25A/35A SERIES
SILICON / GLASS
PASSIVATED THREE PHASE
BRIDGE RECTIFIERS
SILICON / GLASS
PASSIVATED THREE PHASE
BRIDGE RECTIFIERS
FEATURES
Diffused Junction
Low Forward Voltage Drop
High Current Capability
High Reliability
High Surge Current Capability
Ideal for Printed Circuit Boards
MECHANICAL DATA
Cass: Epoxy Cass With Heat Sink Internally
Mounted in Bridge Encapsulation
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: As Marked on Body
Weight: 20 grams (approx.)
Mounting Position:
Bolt Down on Heatsink With Siloicone Thermal
Compound Between Bridge and Mounting Surface
for Maximum Heat Transfer Efficiency
Mounting Torque: 20 in Ibs. Max.
Marking: Type Number
CHENG- YI
CHENG- YI
ELECTRONIC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
o
Rating at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
50
100
200
400
600
800
1000
1200
1400
1600
V
VRSM
Peak Non-Repetitive Reverse Voltage
V
75
275
500
150
725
1100
1300
1500
1700
900
Characteristics
UNIT
Symbol
-00
-01
-02
-04
-06
-08
-10
-12
-14
-16
VOLTAGE RATINGS
IFSM
Non-Repetitive Peak Forward Surge Current
(No Voltage Reapplied t = 8.3ms at 60Hz)
(No Voltage Reapplied t = 10ms at 50Hz)
(100% V
Reapplied t = 8.3ms at 60Hz)
RRM
(100% V
Reapplied t = 10ms at 50Hz)
RRM
Forward Voltage (per element)
o
@T = 25 C, @I
= 40A
Per single junction
J
FM
PK
o
@T = 25 C
J
o
@T = 125 C
J
A
mA
2
A S
375
360
314
300
580
635
410
450
500
475
420
400
1030
1130
730
800
2
I t Rating for Fusing
(No Voltage Reapplied t = 8.3ms at 60Hz)
(No Voltage Reapplied t = 10ms at 50Hz)
(100% V
Reapplied t = 8.3ms at 60Hz)
RRM
(100% V
Reapplied t = 10ms at 50Hz)
RRM
2
It
UNIT
Characteristics
Symbol
MT25
MT35
IO
Maximum Average Forward
o
Rectified Current @T =100 C
C
A
A
25
35
VF
1.26
1.42
2500
0.2
V
1.19
1.16
IR
10
5.0
Peark Reverse Current (per leg)
At Rated DC Blocking Voltage
Temperature Resistance Junction to Case at
DC Operation per Bridge
FORWARD CONDUCTION
THERMAL CHARACTERISTICS
VR(RMS)
RMS Reverse Voltage
35
70
140
280
420
560
700
840
980
1120
V
VISO
RMS Isolation Voltage from Case to Lead
V
TJ
Operating Temperature Range
-40 to +150
0C
TSTG
Storage Temperature Range
-40 to +150
0C
K/W
RJC
Temperature Resistance Case to Heatsing
Monting Surface, Smooth, Flat and Greased
K/W
RCS
REVERSE VOLTAGE -50 to 1600 Volts
FORWARD CURRENT -25/35 Amperes


Similar Part No. - SBR2502A

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
SBR2502 SUNTAN-SBR2502 Datasheet
829Kb / 4P
   Diffused Junction
logo
HY ELECTRONIC CORP.
SBR2502GW HY-SBR2502GW Datasheet
386Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
More results

Similar Description - SBR2502A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT5006A ETC2-MT5006A Datasheet
262Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MSDP50 ETC2-MSDP50 Datasheet
124Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT2506W ETC2-MT2506W Datasheet
177Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
3GBJ3508 ETC2-3GBJ3508 Datasheet
333Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT5006 ETC2-MT5006 Datasheet
180Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT3506W ETC2-MT3506W Datasheet
374Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT3506A ETC2-MT3506A Datasheet
217Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT5006W ETC2-MT5006W Datasheet
399Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT3506 ETC2-MT3506 Datasheet
206Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
logo
HY ELECTRONIC CORP.
SBR15A HY-SBR15A Datasheet
88Kb / 2P
   SILICON PASSIVATED THREE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com