Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2069RAF Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2069RAF
Description  18-31GHz Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2069RAF Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2069RAF Datasheet HTML 1Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 2Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 3Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 4Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 5Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 6Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
18-31GHz Low Noise Amplifier
CHA2069RAF
Ref. : DSCHA2069RAF2169 -18-June-02-
3/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical results on PCB (recommended motherboard layout)
Vd = 4.5V, Id = 55mA
Gain & Return Losses
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Frequency (GHz)
Linear Gain (dB)
Input Return Loss (dB)
Output Return Loss (dB)
Noise Figure (dB)
0
1
2
3
4
5
6
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Frequency (GHz)


Similar Part No. - CHA2069RAF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2069 UMS-CHA2069 Datasheet
167Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2069-99F UMS-CHA2069-99F Datasheet
261Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2069-99F/00 UMS-CHA2069-99F/00 Datasheet
167Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2069-99F UMS-CHA2069-99F_15 Datasheet
261Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2069-FAA UMS-CHA2069-FAA Datasheet
383Kb / 10P
   16-32GHz Low Noise Amplifier
More results

Similar Description - CHA2069RAF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2069-99F UMS-CHA2069-99F_15 Datasheet
261Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2069 UMS-CHA2069 Datasheet
167Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2092B UMS-CHA2092B Datasheet
87Kb / 6P
   18-32GHz Low Noise Amplifier
CHA2260-QAG UMS-CHA2260-QAG_15 Datasheet
555Kb / 14P
   18-27GHz Low Noise Amplifier
CHA2092B UMS-CHA2092B_15 Datasheet
107Kb / 6P
   18-32GHz Low Noise Amplifier
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
   18-30GHz Low Noise Amplifier
CHA2693-QAG UMS-CHA2693-QAG Datasheet
414Kb / 12P
   18-30GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA8344-SCC TRIQUINT-TGA8344-SCC Datasheet
499Kb / 11P
   2 - 18 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD157 MMIC-CMD157 Datasheet
214Kb / 9P
   6-18 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD328 QORVO-CMD328 Datasheet
935Kb / 11P
   6-18 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com