Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1501 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # RS1501
Description  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

RS1501 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  RS1501 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. RS1501 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS1501 thru RS1507
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MAXIMUM RATINGS
FEATURES
Low leakage
Low forward voltage
Mounting Position: Any
Surge overload rating:250 amperes peak
Siliver-plated copper leads
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
50 TO 1000 VOLTS
CURRENT
15.0 Amperes
Maximum Average Forward
0
T
Output Current at @
=50 C
C
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
IFSM
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
UNITS
50
100
200
400
600
800
1000
V
V
V
V
A
A
35
70
140
280
420
560
700
50
100
200
400
15
1.05
250
10
0.2
600
800
1000
0
(At TA=25 C unless otherwise noted)
Operating and Storage Temperature Range
TJ
I O
RS1501
RS1502
RS1503
RS1504
RS1505
RS1506
RS1507
0C
-55 to +150
RATINGS
V
F
IR
0
T
@
=25 C
A
0
T
@
=100 C
A
A
mA
Maximum Forward Voltage drop per element of 7.5A DC
Maximum Reverse Current at Rated
DC Blocking Voltage per element
TSTG


Similar Part No. - RS1501

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RS1501 ZSELEC-RS1501 Datasheet
73Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
RS1501M RECTRON-RS1501M Datasheet
31Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
logo
Zibo Seno Electronic En...
RS1501M ZSELEC-RS1501M Datasheet
87Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
RS1501M ZSELEC-RS1501M Datasheet
87Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
RS1501MLS RECTRON-RS1501MLS Datasheet
172Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes
2017-05 REV: O47
More results

Similar Description - RS1501

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
   Single-phase Silicon Bridge
logo
CHENG-YI ELECTRONIC CO....
KBPC25 CHENG-YI-KBPC25 Datasheet
135Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 CHENG-YI-RB151 Datasheet
120Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com