Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF04 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # DF04
Description  SINGLE-PHASE GLASS BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

DF04 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  DF04 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. DF04 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF005 thru DF10 SERIES
SINGLE-PHASE GLASS BRIDGE
SINGLE-PHASE GLASS BRIDGE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
Surge overload rating-50 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Polariy symbols molded on body
Mounting Position: Any
Glass passivated junctions
UL recognized file #E149311
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
50 TO 1000 VOLTS
CURRENT
2.0 Amperes
DF005
DF01
DF02
DF04
DF06
DF08
DF10
Maximum Average Forward
0
T
Rectified Current @
=40 C
A
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
V(AV)
IFSM
V
F
TJ
TSTG
IR
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load
Maximum DC Forward Voltage at ADC
0
T
Maximum DC Reverse Current @
=25 C
A
0
T
at rated DC Blocking Voltage
@
=100 C
A
UNITS
50
100
200
400
600
800
1000
V
V
V
A
A
2
A S
0C
0C/W
0C
A
A
V
35
70
140
280
420
560
700
60
100
200
400
10
500
-55 to +125
-55 to +150
1.0
50
1.1
600
800
1000
2
I t Rating for fusing (t<8.3ms)
Typical Junction Capacitance per element
Typical Thermal Resistance
2
It
CJ
RJC
10.4
25
40
F
P


Similar Part No. - DF04

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF04 WTE-DF04 Datasheet
50Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
DF04 PFS-DF04 Datasheet
171Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
DF04 HY-DF04 Datasheet
368Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Shanghai Sunrise Electr...
DF04 SSE-DF04 Datasheet
14Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Components Intern...
DF04 FCI-DF04 Datasheet
144Kb / 2P
   1.0 Amp Glass Passivated Single Phase Silicon Bridge
More results

Similar Description - DF04

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
DF005S CHENG-YI-DF005S Datasheet
111Kb / 2P
   SINGLE-PHASE GLASS BRIDGE
KBPC10 CHENG-YI-KBPC10 Datasheet
134Kb / 2P
   SINGLE-PHASE GLASS BRIDGE
logo
Shanghai Lunsure Electr...
KBPC1005 CHENYI-KBPC1005 Datasheet
129Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
KBPC6005 CHENYI-KBPC6005 Datasheet
149Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
KBL005 CHENYI-KBL005 Datasheet
155Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
KBP005 CHENYI-KBP005 Datasheet
134Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
2W005THRU2W10 CHENYI-2W005THRU2W10 Datasheet
137Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
KBU6A CHENYI-KBU6A Datasheet
153Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
KBP005 NJSEMI-KBP005 Datasheet
81Kb / 1P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Mospec Semiconductor
GBJ20A MOSPEC-GBJ20A Datasheet
167Kb / 2P
   GLASS PASSIVATED BRIDGE SINGLE-PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com