Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6602 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6602
Description  1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602 Datasheet(HTML) 2 Page - Analog Devices

  ADRF6602 Datasheet HTML 1Page - Analog Devices ADRF6602 Datasheet HTML 2Page - Analog Devices ADRF6602 Datasheet HTML 3Page - Analog Devices ADRF6602 Datasheet HTML 4Page - Analog Devices ADRF6602 Datasheet HTML 5Page - Analog Devices ADRF6602 Datasheet HTML 6Page - Analog Devices ADRF6602 Datasheet HTML 7Page - Analog Devices ADRF6602 Datasheet HTML 8Page - Analog Devices ADRF6602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADRF6602
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
RF Specifications .......................................................................... 3
 
Synthesizer/PLL Specifications................................................... 4
 
Logic Input and Power Specifications ....................................... 5
 
Timing Characteristics ................................................................ 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 9
 
Register Structure ........................................................................... 11
 
Register 0—Integer Divide Control (Default: 0x0001C0)..... 11
 
Register 1—Modulus Divide Control (Default: 0x003001) .. 11
 
Register 2—Fractional Divide Control (Default:
0x001802) .................................................................................... 12
 
Register 3—Σ-Δ Modulator Dither Control (Default:
0x10000B).................................................................................... 12
 
Register 4—PLL Charge Pump, PFD, and Reference Path
Control (Default: 0x0AA7E4)................................................... 13
 
Register 5—PLL Enable and LO Path Control (Default:
0x0000E5).................................................................................... 14
 
Register 6—VCO Control and VCO Enable (Default:
0x1E2106).................................................................................... 14
 
Register 7—Mixer Bias Enable and External VCO Enable
(Default: 0x000007).................................................................... 14
 
Theory of Operation ...................................................................... 15
 
Programming the ADRF6602................................................... 15
 
Initialization Sequence .............................................................. 15
 
LO Selection Logic ..................................................................... 16
 
Applications Information .............................................................. 17
 
Basic Connections for Operation............................................. 17
 
Evaluation Board ............................................................................ 18
 
Evaluation Board Control Software......................................... 18
 
Schematics and Artwork ........................................................... 20
 
Evaluation Board Configuration Options............................... 22
 
Outline Dimensions ....................................................................... 23
 
Ordering Guide .......................................................................... 23
 
REVISION HISTORY
1/10—Revision 0: Initial Version


Similar Part No. - ADRF6602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
504Kb / 24P
   2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6602 AD-ADRF6602 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
More results

Similar Description - ADRF6602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
   2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6620 AD-ADRF6620 Datasheet
2Mb / 52P
   700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
REV. 0
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
   450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
logo
Hittite Microwave Corpo...
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
logo
Analog Devices
ADRF6702 AD-ADRF6702 Datasheet
1Mb / 36P
   1200 MHz to 2400 MHz Quadrature Modulator with 1550 MHz to 2150 MHz Frac-N PLL
REV. 0
ADRF6755ACPZ AD-ADRF6755ACPZ Datasheet
2Mb / 48P
   100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com