Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1105WL Datasheet(PDF) 9 Page - ams AG

Part # AS1105WL
Description  Serially Interfaced, 4-Digit LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105WL Datasheet(HTML) 9 Page - ams AG

Back Button AS1105WL Datasheet HTML 5Page - ams AG AS1105WL Datasheet HTML 6Page - ams AG AS1105WL Datasheet HTML 7Page - ams AG AS1105WL Datasheet HTML 8Page - ams AG AS1105WL Datasheet HTML 9Page - ams AG AS1105WL Datasheet HTML 10Page - ams AG AS1105WL Datasheet HTML 11Page - ams AG AS1105WL Datasheet HTML 12Page - ams AG AS1105WL Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.austriamicrosystems.com
Revision 1.34
9 - 15
AS1105
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 6. Standard 7-segment LED
Table 10. Intensity Register Format (address (hex) = 0xXA)
Duty Cycle
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Code
1/32 (min on)
X
X
X
X
0
0
0
0
0xX0
3/32
X
X
X
X
0
0
0
1
0xX1
5/32
X
X
X
X
0
0
1
0
0xX2
7/32
X
X
X
X
0
0
1
1
0xX3
9/32
X
X
X
X
0
1
0
0
0xX4
11/32
X
X
X
X
0
1
0
1
0xX5
13/32
X
X
X
X
0
1
1
0
0xX6
15/32
X
X
X
X
0
1
1
1
0xX7
17/32
X
X
X
X
1
0
0
0
0xX8
19/32
X
X
X
X
1
0
0
1
0xX9
21/32
X
X
X
X
1
0
1
0
0xXA
23/32
X
X
X
X
1
0
1
1
0xXB
25/32
X
X
X
X
1
1
0
0
0xXC
27/32
X
X
X
X
1
1
0
1
0xXD
29/32
X
X
X
X
1
1
1
0
0xXE
31/32 (max on)
X
X
X
X
1
1
1
1
0xXF
Table 11. Scan-limit register format (address (hex) = 0xXB)
Scan Limit
Register Data
Hex Code
D7
D6
D5
D4
D3
D2
D1
D0
Display digit 0 only
X
X
X
X
X
0
0
0
0xX0
Display digits 0 & 1
X
X
X
X
X
0
0
1
0xX1
Display digits 0 1 2
X
X
X
X
X
0
1
0
0xX2
Display digits 0 1 2 3
X
X
X
X
X
0
1
1
0xX3
A
B
C
D
E
F
G
DP


Similar Part No. - AS1105WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1105WL AMSCO-AS1105WL Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
AS1105WL AMSCO-AS1105WL Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105WL-T AMSCO-AS1105WL-T Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
AS1105WL-T AMSCO-AS1105WL-T Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
More results

Similar Description - AS1105WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com