Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STHV748 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STHV748
Description  5-level, 짹90 V, 2 A high-speed pulser with four independent channels
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STHV748 Datasheet HTML 4Page - STMicroelectronics STHV748 Datasheet HTML 5Page - STMicroelectronics STHV748 Datasheet HTML 6Page - STMicroelectronics STHV748 Datasheet HTML 7Page - STMicroelectronics STHV748 Datasheet HTML 8Page - STMicroelectronics STHV748 Datasheet HTML 9Page - STMicroelectronics STHV748 Datasheet HTML 10Page - STMicroelectronics STHV748 Datasheet HTML 11Page - STMicroelectronics STHV748 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Typical supply reference setting
STHV748
8/22
Doc ID 15450 Rev 1
4
Typical supply reference setting
Table 3.
Truth table for one channel
Global
Per channel
State
Switches internal state
THSD IN4 IN3 IN2 IN1
S0 S1 S2 S3 S4 S5 S6 S7 S8 S9
1
x
x
0
0
Clamp
00000
01010
1
0
0
0
1
HVM0
01000
00010
1
0
0
1
0
HVP0
10000
00010
1
x
0
1
1
HVR_SW
00000
01101
1
0
1
1
0
HVP1
00100
00010
1
0
1
1
1
HZ
00000
00010
1
1
1
1
1
HVR_SW
00000
01101
1
1
0
0
1
Max HVM0 and HVM101010
00010
1
1
0
1
0
Max HVP0 and HVP1
10100
00010
1
1
1
0
1
CW HVM1
00000
10010
1
1
1
1
0
CW HVP1
00001
00010
0
x
x
x
x
HZ
00000
00010
Table 4.
Typical supply reference setting
Symbol
External supply mode
Self supply mode
EN
0
1
Cp0, Cp1
Not used
47 nF(1)
1.
In Self supply mode 30 µs after EN edge to charge external capacitance are needed.
Cn0, Cn1
Not used
9 nF (1)
REF_HVP#
Has to be connected to HVP# -3 V
Not used
REF_HVM#
Has to be connected to HVM# +3 V
Not used


Similar Part No. - STHV748

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHV748S STMICROELECTRONICS-STHV748S Datasheet
280Kb / 5P
   Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
December 2016 Rev 1
More results

Similar Description - STHV748

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
   Octal 짹90 V, 짹2 A, 3-level RTZ, high-speed ultrasound pulser
April 2014 Rev 2
logo
ELMOS Semiconductor AG
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
   Four independent operating channels
logo
STMicroelectronics
STHV748S STMICROELECTRONICS-STHV748S Datasheet
280Kb / 5P
   Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
December 2016 Rev 1
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
   16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
logo
Supertex, Inc
HV738 SUTEX-HV738_11 Datasheet
672Kb / 8P
   Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
HV748 SUTEX-HV748_12 Datasheet
717Kb / 8P
   Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
HV7331 SUTEX-HV7331 Datasheet
804Kb / 9P
   Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
logo
List of Unclassifed Man...
MCM-7312 ETC-MCM-7312 Datasheet
1Mb / 4P
   Four independent, RS-232-C, Full-duplex, Serial Communications Channels.
logo
Supertex, Inc
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
   High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
   Two independent operating channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com