Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65070RSLT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65070RSLT
Description  Single Chip Power Solution for Battery Powered Systems
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65070RSLT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65070RSLT Datasheet HTML 9Page - Texas Instruments TPS65070RSLT Datasheet HTML 10Page - Texas Instruments TPS65070RSLT Datasheet HTML 11Page - Texas Instruments TPS65070RSLT Datasheet HTML 12Page - Texas Instruments TPS65070RSLT Datasheet HTML 13Page - Texas Instruments TPS65070RSLT Datasheet HTML 14Page - Texas Instruments TPS65070RSLT Datasheet HTML 15Page - Texas Instruments TPS65070RSLT Datasheet HTML 16Page - Texas Instruments TPS65070RSLT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
AVDD6
ISET2
VLDO2
ISET1
VINLDO1/2
ISINK1
VLDO1
ISINK2
BAT
VIN_DCDC3
BAT
L3
SYS
PGND3
SYS
VDCDC3
ISET
SCLK
AC
SDAT
TS
PGOOD
USB
PB_IN
1
2
3
4
12
5
6
7
8
28
9
10
11
27
26
32
31
30
29
36
35
34
33
25
POWERPAD
AVDD6
ISET2
VLDO2
ISET1
VINLDO1/2
ISINK1
VLDO1
ISINK2
BAT
VIN_DCDC3
BAT
L3
SYS
PGND3
SYS
VDCDC3
ISET
SCLK
AC
SDAT
TS
PGOOD
USB
PB_IN
POWERPAD
25
36
35
34
33
32
31
30
29
28
9
10
11
27
26
12
5
6
7
8
1
2
3
4
TPS65072
TPS65070, TPS65073,TPS650731,TPS650732
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
www.ti.com
SLVS950B – JULY 2009 – REVISED DECEMBER 2009
BATTERY CHARGER (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL REGULATION
If temperature is exceeded, charge current is
TJ(REG)
Temperature regulation limit
115
125
135
°C
reduced
TJ(OFF)
Charger thermal shutdown
155
°C
TJ(OFF-HYS)
Charger thermal shutdown hysteresis
20
°C
DEVICE INFORMATION
PIN ASSIGNMENT (TOP VIEW)
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
CHARGER BLOCK:
Input power for power path manager, connect to external DC supply. Connect external 1
μF (minimum) to
AC
10
I
GND
Input power for power path manager, connect to external voltage from a USB port. Connect external 1
μF
USB
12
I
(minimum) to GND. Default input current limit is 500 mA max
BAT
5,6
O
Charger power stage output, connect to battery. Place a ceramic capacitor of 10
μF from these pins to GND
AVDD6
1
O
Internal “always-on”-voltage. Connect a 4.7
μF cap from AVDD6 to GND
System voltage; output of the power path manager. All voltage regulators are typically powered from this
SYS
7, 8
O
output.
Temperature sense input. Connect to NTC thermistor to sense battery pack temperature. TPS6507x can be
internally programmed to operate with a 10k curve 2 or 100k curve 1 thermistor. To linearize the thermistor
TS
11
I
response, use a 75k (for the 10k NTC) or a 360k (for the 100k NTC) in parallel with the thermistor. Default
setting is 10k NTC
ISET
9
I
Connect a resistor from ISET to GND to set the charge current.
SCLK
28
I
Clock input for the I2C interface.
SDAT
27
I/O
Data line for the I2C interface.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS65070 TPS65072 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS65070RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLT TI1-TPS65070RSLT Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65070RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com