Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65070RSLT Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65070RSLT
Description  Single Chip Power Solution for Battery Powered Systems
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65070RSLT Datasheet(HTML) 46 Page - Texas Instruments

Back Button TPS65070RSLT Datasheet HTML 42Page - Texas Instruments TPS65070RSLT Datasheet HTML 43Page - Texas Instruments TPS65070RSLT Datasheet HTML 44Page - Texas Instruments TPS65070RSLT Datasheet HTML 45Page - Texas Instruments TPS65070RSLT Datasheet HTML 46Page - Texas Instruments TPS65070RSLT Datasheet HTML 47Page - Texas Instruments TPS65070RSLT Datasheet HTML 48Page - Texas Instruments TPS65070RSLT Datasheet HTML 49Page - Texas Instruments TPS65070RSLT Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
SLVS950B – JULY 2009 – REVISED DECEMBER 2009
www.ti.com
CHGCONFIG1. Register Address: 04h
CHGCONFIG1
B7
B6
B5
B4
B3
B2
B1
BO
Charge
Charge safety
Charge safety
Safety timer
SENSOR
Charger
Suspend
Charger
Bit name and function
Termination
timer value1
timer value0
enable
TYPE
reset
Charge
enable
ON/OFF
Default
0
0
1
1
0
0
0
1
Set by signal
Default value loaded
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
by:
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7..6 CHARGE SAFETY TIMER VALUE0/1:
00 = safety timer times out after 4 hours
01 = safety timer times out after 5 hours
10 = safety timer times out after 6 hours
11 = safety timer times out after 8 hours
Bit 5
SAFETY TIMER ENABLE
0 = pre-charge timer, fast charge timer and taper timers are disabled
1 = pre-charge timer, fast charge timer and taper timers are enabled
Bit 4
SENSOR TYPE (NTC for battery temperature measurement)
0 = 100k curve 1 NTC
1 = 10k curve 2 NTC
Bit 3
CHARGER RESET:
0 = inactive
1 = Reset active. This Bit must be set and then reset via the serial interface to restart the charge
algorithm
Bit 2
CHARGE TERMINATION ON/OFF:
0 = charge termination enabled, based on timers and termination current
1 = charge termination will not occur and the charger will always be on
Bit 1
SUSPEND CHARGE:
0 = Safety Timer and Pre-Charge timers are not suspended
1 = Safety Timer and Pre-Charge timers are suspended
Bit 0
CHARGER ENABLE
0 = charger is disabled
1 = charger is enabled; toggling the enable Bit will not reset the charger. Use CHARGER RESET Bit to
reset charger.
46
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65070 TPS65072 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS65070RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLT TI1-TPS65070RSLT Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65070RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com