Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65070RSLT Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65070RSLT
Description  Single Chip Power Solution for Battery Powered Systems
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65070RSLT Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS65070RSLT Datasheet HTML 32Page - Texas Instruments TPS65070RSLT Datasheet HTML 33Page - Texas Instruments TPS65070RSLT Datasheet HTML 34Page - Texas Instruments TPS65070RSLT Datasheet HTML 35Page - Texas Instruments TPS65070RSLT Datasheet HTML 36Page - Texas Instruments TPS65070RSLT Datasheet HTML 37Page - Texas Instruments TPS65070RSLT Datasheet HTML 38Page - Texas Instruments TPS65070RSLT Datasheet HTML 39Page - Texas Instruments TPS65070RSLT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
SLVS950B – JULY 2009 – REVISED DECEMBER 2009
www.ti.com
internal current sink at pins Isink1 and Isink2. The maximum current through the current sinks is set with two
external resistors connected from pins ISET1 and ISET2 to GND. ISET1 sets the maximum current when Bit
CURRENT LEVEL in register WLED_CTRL2 is set to 1. If this Bit is set to 0, which is the default setting, the
maximum current is defined by the resistor connected at ISET2. This allows change between two different
maximum current settings during operation. The LED current can further be dimmed with an internal PWM signal.
The duty cycle for this PWM signal can be changed with the Bits LED DUTY CYCLE 0 to LED DUTY CYCLE 6 in
register WLED_CTRL2 in a range from 1% to 100%. In case a dimming ratio higher than 1:100 is needed, the
maximum LED current need to be changed to a lower value as defined with Iset2. In order to do this without any
flicker, the PWM dimming and the current level is defined in the same register, so both settings can be changed
at the same time with a single write access to register WLED_CTRL2. An internal overvoltage protection limits
the maximum voltage at FB_wLED to 37V typically. The output voltage at FB_WLED also has a lower limit which
is set to 12V. In case less than 4LEDs are used, the output voltage at the boost converter will not drop below
12V but the voltage from ISINK1 and ISINK2 to GND is increased accordingly.
A/D Converter
The 10Bit successive approximation (SAR) A/D converter with an input multiplexer can be used to monitor
different voltages in the system. These signals are monitored:
Battery voltage
Voltage at AC input
Voltage at SYS output
Input voltage of battery charger
Battery temperature
Battery charge current (voltage at pin Iset; Icharge = UISET/Rset × KISET)
External voltage 1 to external voltage 4 (AD_IN1 to AD_IN4); 0V to 2.25V
Optionally: External voltage 5 to external voltage 7 (AD_IN5 to AD_IN7); 0V to 6.0V
Internal channel AD_IN14 and AD_IN15 for touch screen measurements
The A/D converter uses an internal 2.26V reference. The reference needs a bypass capacitor for stability which
is connected to pin BYPASS. The pin can be used as a reference output with a maximum output current of
0.1mA. The internal reference voltage is forced to be on when the ADC or the touch screen interface is enabled.
The reference voltage can additionally forced to be on using Bit Vref_enable in register ADCONFIG while ADC
and touch screen are off to allow external circuits to be supplied with a precise reference voltage while ADC and
touch screen are not used.
Touch Screen Interface (only for TPS65070, TPS65073, TPS650731, TPS650732)
The touch screen itself consists of two parallel plates, called the X and Y plates, separated by short distance;
contact is initiated by using a stylus or your finger. This action creates a series of resistances noted by RX1,
RX2, RY1, RY2 , and Rcontact, shown in Figure 35. The points shown in the diagram as TSX1, TSX2, TSY1 and
TSY2 are connected to the TPS6507x touch screen interface. The resistances RX1 and RX2 scale linearly with
the x-position of the point of contact, where the RY1 and RY2 resistances scale with the y-position. The Rcontact
resistance decreases as the pressure applied at the point of contact increases and increases as the pressure
decreases. Using these relationships, the touch screen interface can make measurements of either position or
pressure.
36
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65070 TPS65072 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS65070RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLT TI1-TPS65070RSLT Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65070RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com