Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59281RGER Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59281RGER
Description  16-Channel, Constant-Current LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59281RGER Datasheet(HTML) 3 Page - Texas Instruments

  TLC59281RGER Datasheet HTML 1Page - Texas Instruments TLC59281RGER Datasheet HTML 2Page - Texas Instruments TLC59281RGER Datasheet HTML 3Page - Texas Instruments TLC59281RGER Datasheet HTML 4Page - Texas Instruments TLC59281RGER Datasheet HTML 5Page - Texas Instruments TLC59281RGER Datasheet HTML 6Page - Texas Instruments TLC59281RGER Datasheet HTML 7Page - Texas Instruments TLC59281RGER Datasheet HTML 8Page - Texas Instruments TLC59281RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TLC59281
www.ti.com
SBVS139 – JANUARY 2010
RECOMMENDED OPERATING CONDITIONS
At TA= –40°C to +85°C, unless otherwise noted.
TLC59281
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DC Characteristics: VCC = 3 V to 5.5 V
VCC
Supply voltage
3.0
5.5
V
VO
Voltage applied to output
OUT0 to OUT15
17
V
VIH
High-level input voltage
0.7 × VCC
VCC
V
VIL
Low-level input voltage
GND
0.3 × VCC
V
IOH
High-level output current
SOUT
–1
mA
IOL
Low-level output current
SOUT
1
mA
IOLC
Constant output sink current
OUT0 to OUT15
2
35
mA
TA
Operating free-air temperature range
–40
+85
°C
TJ
Operating junction temperature range
–40
+125
°C
AC Characteristics: VCC = 3 V to 5.5 V
fCLK (SCLK)
Data shift clock frequency
SCLK
35
MHz
TWH0
SCLK
10
ns
TWL0
SCLK
10
ns
TWH1
Pulse duration
LAT
20
ns
TWH2
BLANK
20
ns
TWL2
BLANK
20
ns
TSU0
SIN–SCLK
4
ns
Setup time
TSU1
LAT
↑–SCLK↑
100
ns
TH0
SIN–SCLK
3
ns
Hold time
TH1
LAT
↑–SCLK↑
10
ns
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC59281


Similar Part No. - TLC59281RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59281RGER TI-TLC59281RGER Datasheet
653Kb / 23P
[Old version datasheet]   16-Channel,Constant-Current LED Driver
More results

Similar Description - TLC59281RGER

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com