Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPPW810401 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPW810401
Description  One-way Operation Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPW810401 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPPW810401 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPW810401 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPW810401 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPW810401 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
One-way Operation Type
SPPW8 Series
Power
36
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Minimum
order unit
(pcs)
4,000
One-way operation detector switch ideal for media detection.
SPPW812302
SPPW812300
SPPW810201
SPPW810203
SPPW811203
SPPW811200
SPPW810401
SPPW810400
Product Line
Poles
1
1
h=6.1
h=6.55
h=7.6
10.3
Positions
Product No.
Slider height
(mm)
h1=5.6
h1=6.05
h1=7.1
9.8
ON start
position
(mm)
h2=4.45
h2=4.85
h2=5.9
8.6
Total travel
(mm)
Terminal
type
1
2
1
2
1
2
3
4
Drawing
No.
For PC board
(Reflow)
For PC board
(Dip)
For PC board
(Reflow)
For PC board
(Dip)
For PC board
(Reflow)
For PC board
(Dip)
For PC board
(Reflow)
For PC board
(Dip)
Detector Switch
Operating life
0.1A 30V DC/100
BA 3V DC
0.3N max.
1
Ω max./2Ω max.
100,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
100,000cycles
(0.1A 30V DC)
Without load
With load
Typical Specifications
Taping Specifications (Taping Packaging)
Reel Size
ø380
25.4
Unit:mm
Series
24
4,000
2,000
1,000
h = 6.1
(Reflow)
h = 6.55
(Reflow)
3,400
1,700
850
h = 7.6
(Reflow)
Number of packages
(pcs.)
Tape
width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
1. Standard type dimensions indicate "with location lug" version.
2. Products other than those listed in the above chart are also available. Please contact us for details.
3. Please place purchase orders per minimum order unit
(integer).
Notes
20,000
4,000
20,000
3,400
20,000


Similar Part No. - SPPW810401

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPW810401 ALPS-SPPW810401 Datasheet
825Kb / 4P
   One-way Operation Type
More results

Similar Description - SPPW810401

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPW8 ALPS-SPPW8_15 Datasheet
825Kb / 4P
   One-way Operation Type
SPVC1 ALPS-SPVC1 Datasheet
152Kb / 2P
   One-way Operation Type
SPVE ALPS-SPVE Datasheet
305Kb / 4P
   Compact One-way Operation Type
SPVE ALPS-SPVE_15 Datasheet
883Kb / 4P
   Compact One-way Operation Type
SPVP ALPS-SPVP Datasheet
187Kb / 3P
   Low-profile One-way Operation Type
logo
List of Unclassifed Man...
SPVE ETC2-SPVE Datasheet
102Kb / 5P
   Compact One-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVF ALPS-SPVF Datasheet
430Kb / 4P
   Two-way Operation Type
logo
Panasonic Semiconductor
DN8797MS PANASONIC-DN8797MS Datasheet
197Kb / 11P
   3V operation Hall IC One-way magnetic field operation
logo
ALPS ELECTRIC CO.,LTD.
SPVM ALPS-SPVM Datasheet
323Kb / 4P
   Compact Two-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
   Compact Two-way Operation Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com