Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPPH120100 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPH120100
Description  1.5mm-travel Vertical Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPH120100 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SPPH120100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPH120100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPH120100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
83
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Push Switches
10,000cycles
100m
Ω max.
Operating life
without load
10,000cycles
40m
Ω max.
10,000cycles
50m
Ω max.
30,000cycles 100m
Ω max.
Operating life without
load Load:as rating
List of Varieties
101
99
SPEC
SPPH1
SPPH4
14
13.5
16.8
26.7
20.7
18
18.2
4.5
1
3.8
1.5
2.7
9.4
9
6.9
12.5
2.5
3.4
12
10
10
1.5
2.5
2
8.5
6.5
8.5
−10˚C
to
+60˚C
102
103
105
SPED2
SPED3
SPED4
SPED5
SPEF
2.2
3
1.
※3. Applicable to SPED220200(PC board type)only.
2.
※4. Applicable to SPEF110100 only.
Notes
Push Switches Attached Parts ………………………………………………………………………………………………107
Push Switches Products Caution ……………………………………………………………………………………………109
260
℃ max.
5s max.
260
±5℃
10
±1s
350
±10℃
3
±0.5s ※3
350
±10℃
3
±0.5s
260
±5℃
10
±1s ※3
260
±5℃
10
±1s
350
±5℃
3s max.
260
±5℃10±1s ※4
350
±10℃
3
+1s
0
260
±5℃
5
±1s
98
Please see P.108
100M
Ω min. 500V DC
3N for
1minute
500V AC for 1minute
50N
–20
±2℃ for 96h
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
50N
10N
30N
5N for 1minute
20m
Ω
max.
30m
Ω
max.
100m
Ω
max.
−40˚C to +85˚C
3M
Ω min. 500V DC
3M
Ω min. 100V DC
100V AC for 1minute
90N
30N
–40
±2℃ for 96h
100m
Ω max.
Series
Photo
Travel
(mm)
Total travel
(mm)
Number of
poles
Dimensions
(mm)
Page
W
D
H
Dip
soldering
Reflow
soldering
Manual
soldering
Operating
temperature range
Initial contact
resistance
Insulation
resistance
Voltage
proof
Terminal
strength
Operating
direction
Pulling
direction
Cold
Dry heat
Damp heat
Actuator
strength
1A 14.5V DC
0.1A 30V DC
50
BA 3V DC
Rating
(max.)
(Resistive load)
Rating
(min.)
(Resistive load)


Similar Part No. - SPPH120100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPH120100 ALPS-SPPH120100 Datasheet
925Kb / 4P
   1.5mm-travel Vertical Type
More results

Similar Description - SPPH120100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1_15 Datasheet
925Kb / 4P
   1.5mm-travel Vertical Type
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
   1.5mm-travel, with External Knob Type
SPPJ6 ALPS-SPPJ6 Datasheet
204Kb / 2P
   1.5mm-travel Low-profile Horizontal Type
SSAC ALPS-SSAC Datasheet
257Kb / 3P
   1.5mm-travel, with External Knob Type
logo
SHINMEI ELECTRIC CO., L...
SLM-12-741 SHINMEI-SLM-12-741 Datasheet
43Kb / 3P
   1.5mm Travel Thin Type Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSAH ALPS-SSAH Datasheet
315Kb / 4P
   0.9(H)mm, 1.5mm-travel Surface Mount Type
SSAD ALPS-SSAD Datasheet
304Kb / 4P
   0.7(H)mm, 1.5mm-travel Surface Mount Type
SPEC ALPS-SPEC Datasheet
151Kb / 3P
   2.5mm-travel Vertical Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com