Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1100PE Datasheet(PDF) 5 Page - ams AG

Part # AS1100PE
Description  Serially Interfaced, 8-Digit LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100PE Datasheet(HTML) 5 Page - ams AG

  AS1100PE Datasheet HTML 1Page - ams AG AS1100PE Datasheet HTML 2Page - ams AG AS1100PE Datasheet HTML 3Page - ams AG AS1100PE Datasheet HTML 4Page - ams AG AS1100PE Datasheet HTML 5Page - ams AG AS1100PE Datasheet HTML 6Page - ams AG AS1100PE Datasheet HTML 7Page - ams AG AS1100PE Datasheet HTML 8Page - ams AG AS1100PE Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.austriamicrosystems.com
Revision 1.33
5 - 17
AS1100
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Figure 3. Segment Driver Capability,
Figure 4. Segment Current versa RSET
VDD = 5V, Logic Level = High
0
5
10
15
20
25
30
35
40
45
50
00.5
11.5
22.5
33.5
44.5
Voltage below VDD at output (V)
0
5
10
15
20
25
30
35
40
45
50
10
100
RSET (kOhm)


Similar Part No. - AS1100PE

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100PE AMSCO-AS1100PE Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100PE-Z AMSCO-AS1100PE-Z Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
More results

Similar Description - AS1100PE

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com