Electronic Components Datasheet Search |
|
SPEG110100 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD. |
|
SPEG110100 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD. |
1 / 4 page 94 Horizontal Type Vertical Type Detector Push Slide Rotary Encoders Power Dual-in-line Package Type TACT Switch TM Custom- Products Hollow Slider Momentary Type Push Switch SPEG Series Hollow type supporting designs such as LED illumination. Push Switch Operating life 50mA 16V DC/50 BA 3V DC 200m Ω max./500mΩ max. 30,000cycles Rating (max.) / (min.) (Resistive load) Items Specifications Contact resistance (Initial /After operating life) Typical Specifications Operating forces 2.16N 1.1 1 SPEG110100 SPEG120100 Without With 4,800 Product Line Travel (mm) Ground terminal Poles Minimum order unit (pcs.) Product No. Taping Specification (Taping Packaging) Reel Size ¿380 25.4 Unit:mm 1,200 2,400 4,800 24 Number of packages (pcs.) Tape width (mm) 1 reel 1 case /Japan 1 case /export packing NEW Please place purchase orders per minimum order unit (integer). Note |
Similar Part No. - SPEG110100 |
|
Similar Description - SPEG110100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |