Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS201R Datasheet(PDF) 1 Page - Transys Electronics

Part # TS201R
Description  FAST SWITCHIING RECTIFIER(Reverse Voltage - 50 to 1000 Volts, Current - 2.0Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

TS201R Datasheet(HTML) 1 Page - Transys Electronics

  TS201R Datasheet HTML 1Page - Transys Electronics TS201R Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - TS201R

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TS201 MORNSUN-TS201 Datasheet
461Kb / 3P
   Isolating / Safety Switching Barrier
TS201-EX MORNSUN-TS201-EX Datasheet
461Kb / 3P
   Isolating / Safety Switching Barrier
logo
E-SWITCH
TS20100F070S E-SWITCH-TS20100F070S Datasheet
157Kb / 1P
   SMT SNAP ACTION SWITCH
logo
STMicroelectronics
TS2012 STMICROELECTRONICS-TS2012 Datasheet
376Kb / 30P
   Filter-free stereo 2x2.8W class D audio power amplifer
TS2012EI STMICROELECTRONICS-TS2012EI Datasheet
553Kb / 32P
   Filter-free Flip Chip stereo 2 x 2.5 W class D audio power amplifier
April 2014 Rev 1
More results

Similar Description - TS201R

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
B23 JINANJINGHENG-B23 Datasheet
63Kb / 2P
   BARRIER RECTIFIER Reverse Voltage - 25 Volts Forward Current -2.0Ampere
logo
Bruckewell Technology L...
DB151S BWTECH-DB151S Datasheet
320Kb / 4P
   REVERSE VOLTAGE - 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
S8AC LUGUANG-S8AC Datasheet
498Kb / 2P
   Reverse Voltage :50 to 1000 Volts
logo
Microdiode Electronics ...
UF5400 CHENDA-UF5400_1 Datasheet
74Kb / 2P
   ULTRA FAST RECTIFIERS Reverse Voltage - 50 to 1000 Volts
HER305 CHENDA-HER305 Datasheet
321Kb / 2P
   HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER302 CHENDA-HER302 Datasheet
321Kb / 2P
   HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER306 CHENDA-HER306 Datasheet
321Kb / 2P
   HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER308 CHENDA-HER308 Datasheet
321Kb / 2P
   HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER303 CHENDA-HER303 Datasheet
321Kb / 2P
   HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER307 CHENDA-HER307 Datasheet
321Kb / 2P
   HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com