Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKRE Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRE
Description  1.5mm Height SidepushTM (Surface Mount Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRE Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKRE Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRE Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRE Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TACT Switch
TM
250
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
TACT Switch
TM
List of Varieties
294
293
295
292
3.9
1.5
290
3.5
3.55
1.25
289
SKSC
SKRE
Low–profile
Horizontal type
Sharp Feeling Type
V6.2
4.3
□6.6
5
7.3
6.85
7.1
V9
13
4.5
3.3
6.45
6.4
4
7.35
7.5
5
□10
7.1
See the relevant pages for
respective product
descriptions
Surface mount
Radial
Type
Dimensions
(mm)
W
D
H
1N
5N
Operation
force
coverage
Page
Features
Photo
Ground terminal
Horizontal
type
SKRT
4–direction switch
+push
switch
SKRV
SKRH
Round
terminal type
SKQU
SKRG
SKQK
SKQN
SKRC
Round terminal
Horizontal type
Water–proof
Vertical
Horizontal
Series
Operating
temperature
range
ー20℃ to +70℃ SKRV/QK
ー30℃ to +85℃
100M
Ω min. 100V DC
250V AC for 1min.
SKSC/RE/RV/RH : 100V AC for 1min.
ー30±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2hours respectively
Shall be in accordance with individual specifications.
Insulation
resistance
Voltage
proof
Vibration
Lifetime
Cold
Dry heat
Damp heat
291
481
482
480
W
:Width. The most outer dimension excluding terminal portion.
D
:Depth. The most outer dimension excluding terminal portion.
H
:Height. The minimum dimension if there are variances.
TACT Switch
TM Soldering Conditions ………………………………………………………………………………………306
TACT Switch
TM Cautions ………………………………………………………………………………………………………307
Product Line of Knob for TACT Switch
TM ……………………………………………………………………………………308
The automotive operating temperature range to be individually discussed upon request.
Note


Similar Part No. - SKRE

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKR SEMIKRON-SKR Datasheet
223Kb / 2P
   SEMICELL DIODE
SKR0 SEMIKRON-SKR0 Datasheet
183Kb / 2P
   DIODE
SKR10 SEMIKRON-SKR10 Datasheet
189Kb / 2P
   DIODE
SKR10 SEMIKRON-SKR10 Datasheet
165Kb / 2P
   DIODE
logo
Naina Semiconductor ltd...
SKR100 NAINA-SKR100 Datasheet
137Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type), 125A
More results

Similar Description - SKRE

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRT ALPS-SKRT Datasheet
149Kb / 3P
   4.5횞3.55mm SidepushTM (Surface Mount Type)
SKSC ALPS-SKSC Datasheet
190Kb / 3P
   1.25mm Height Low-profile SidepushTM (Surface Mount Type)
SKSE ALPS-SKSE Datasheet
182Kb / 3P
   5.9횞2.87mm SidepushTM Double Action (Surface Mount Type)
SSAD ALPS-SSAD Datasheet
304Kb / 4P
   0.7(H)mm, 1.5mm-travel Surface Mount Type
SSAH ALPS-SSAH Datasheet
315Kb / 4P
   0.9(H)mm, 1.5mm-travel Surface Mount Type
logo
LUMEX INC.
SML-LX1204USBCRATR LUMEX-SML-LX1204USBCRATR_17 Datasheet
435Kb / 2P
   3mm X 1.5mm Surface Mount
logo
ALPS ELECTRIC CO.,LTD.
SKQN ALPS-SKQN Datasheet
158Kb / 3P
   7.3횞6.85mm SidepushTM (Radial Type)
SKRD ALPS-SKRD Datasheet
198Kb / 3P
   6.2횞7.15mm SidepushTM (Snap-in Type)
logo
LUMEX INC.
SML-LX1206GC-TR LUMEX-SML-LX1206GC-TR_17 Datasheet
418Kb / 2P
   3mm X 1.5mm Surface Mount
SML-LX1205UWC-TR LUMEX-SML-LX1205UWC-TR_17 Datasheet
266Kb / 3P
   3mm X 1.5mm Surface Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com