Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKQYPAE010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKQYPAE010
Description  6.1횞3.7mm Compact High-speed Mounting(Surface Mount Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKQYPAE010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKQYPAE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKQYPAE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKQYPAE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
284
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
8
Ground terminal land
Ground terminal land
4
4.7
2.7
Product Line
Vertical Type
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Product No.
SKQYAAE010
SKQYABE010
SKQYACE010
1.57N
0.98N
SKQYAFE010
3.14N
2.55N
0.25
50mA
12V DC
50,000cycles
500m
Ω
max.
Vertical
Operating
direction
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Product No.
Operating
direction
1.57N
2.55N
0.98N
0.25
50mA
12V DC
Rating
(min.)
10
BA
1V DC
Rating
(min.)
10
BA
1V DC
50,000cycles
500m
Ω
max.
SKQYPAE010
SKQYPBE010
SKQYPCE010
3.14N
Vertical
SKQYPDE010
With Ground Terminal Type
PC board land dimensions
(Viewed from switch mounting face)
Dimensions
Unit:mm
Style
6.8
6.1
2.6
ø1.8
1
2
3
1.85
0.5
Stem
※Ground terminal land exists only on types with
ground terminal.
12
3
Circuit Diagram
Refer to P.306 for soldering conditions.
6.1
×3.7mm Compact High-speed Mounting(Surface Mount Type)
SKQY Series
Compact switch with contact sealing structure, also available with ground terminal.
TACT Switch
TM
Specification of Embossed Taping Package (Taping Packaging for Auto-insertion)
Plastic Reel
Reel Size
¿380
13.5
Unit:mm
1. Please place purchase orders for taping products per
minimum order unit (1 reel or a case).
2. For
φ330mm diameter reel requirements, please contact us.
Note
3,000
Minimum order unit
(pcs.)
3,000
Minimum order unit
(pcs.)
3,000
30,000
30,000
12
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing


Similar Part No. - SKQYPAE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQYPAE010 ALPS-SKQYPAE010 Datasheet
901Kb / 4P
   Compact switch with contact sealing structure, also available with ground terminal
More results

Similar Description - SKQYPAE010

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
Leshan Radio Company
L1SS400CST5G LRC-L1SS400CST5G Datasheet
303Kb / 3P
   High speed switching Extremely small surface mounting type.
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EB2-5SNUH-L NEC-EB2-5SNUH-L Datasheet
114Kb / 8P
   COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
logo
ALPS ELECTRIC CO.,LTD.
SKQM ALPS-SKQM Datasheet
176Kb / 3P
   6횞3.5mm Compact (Surface Mount Type)
SKRK ALPS-SKRK Datasheet
172Kb / 3P
   3.9횞2.9mm Compact (Surface Mount Type)
logo
NEC
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com