Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9692610334E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 9692610334E
Description  PCI/ISA Backplanes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

9692610334E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  9692610334E Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All product specifications are subject to change without notice
Last updated : 1-Mar-2007
PCA-6106P3V-0B2E
 Segment: 1
 Slots: 1 ISA, 3 PCI, 2 PICMG
 PCI bus: 32-bit/33 MHz
 Size: 80 x 260 mm (3.15" x 10.23")
 Ordering Information: 969K610621E
PCA-6106P3VX-A1E
 Segment: 1
 Slots: 1 ISA, 3 PCI, 2 PICMG
 PCI bus: 64-bit/66 MHz
 Size: 80 x 303 mm (3.15" x 11.93")
 Ordering Information: 9692610691E
PCA-6105P4V-0B3E
 Segment: 1
 Slots: 4 PCI, 1 PICMG
 PCI bus: 32-bit/33 MHz
 Size: 80 x 260 mm (3.15" x 10.23")
 Ordering Information: 969K610510E
PCA-6103P2V-0A2E
 Segment: 1
 Slots: 2 PCI, 1 CPU
 PCI bus: 32-bit/33 MHz
 Size: 40 x 400 mm (1.57" x 15.75")
 Ordering Information: 969K610301E
PCA-6103P2VX-B2E
 Segment: 1
 Slots: 2 PCI, 1 CPU
 PCI bus: 64-bit/66 MHz
 Size: 40 x 400 mm (1.57" x 15.75")
 Ordering Information: 9692610334E
2U Butterfly Backplanes RoHSCOMPLIANT
2002/95/EC
Compatible with IPC Chassis: ACP-2000 / IPC-602 (Only Sold with Advantech’s 2U Chassis)
PCA-6106P5V-0A2E
 Segment: 1
 Slots: 5 PCI, 1 PICMG
 PCI bus: 32-bit/33 MHz
 Size: 80 x 260 mm (3.15" x 10.23")
 PCI bridge: Pericom PI7C8150MA
 Ordering Information: 969K610600E
1U Butterfly Backplanes RoHSCOMPLIANT
2002/95/EC
Compatible with IPC Chassis: ACP-1000 (Only Sold with Advantech’s 1U Chassis)
PCI/ISA Backplanes


Similar Part No. - 9692610334E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
9692610V110 ADVANTECH-9692610V110 Datasheet
825Kb / 2P
   LGA 1200 Intel® Xeon® W & 10th Gen. Core™ Proprietary Server Board with 4 x DDR4, 1 x PCIeX16, 2 x PCIeX4, 5 x USB 3.2, 3 x SATA 3, Quad LANs and IPMI
6-Jan-2022
9692610V120 ADVANTECH-9692610V120 Datasheet
825Kb / 2P
   LGA 1200 Intel® Xeon® W & 10th Gen. Core™ Proprietary Server Board with 4 x DDR4, 1 x PCIeX16, 2 x PCIeX4, 5 x USB 3.2, 3 x SATA 3, Quad LANs and IPMI
6-Jan-2022
9692610V130 ADVANTECH-9692610V130 Datasheet
825Kb / 2P
   LGA 1200 Intel® Xeon® W & 10th Gen. Core™ Proprietary Server Board with 4 x DDR4, 1 x PCIeX16, 2 x PCIeX4, 5 x USB 3.2, 3 x SATA 3, Quad LANs and IPMI
6-Jan-2022
9692610V310 ADVANTECH-9692610V310 Datasheet
443Kb / 2P
   LGA 1700 Intel® 12th Gen. Core™ Proprietary Server Board with 4 x DDR5, 1 x PCIeX16, 2 x PCIeX4, 5 x USB 3.2, 4 x SATA 3, Quad LANs and IPMI
15-Sep-2022
9692610V320 ADVANTECH-9692610V320 Datasheet
443Kb / 2P
   LGA 1700 Intel® 12th Gen. Core™ Proprietary Server Board with 4 x DDR5, 1 x PCIeX16, 2 x PCIeX4, 5 x USB 3.2, 4 x SATA 3, Quad LANs and IPMI
15-Sep-2022
More results

Similar Description - 9692610334E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
   PCI/ISA Backplanes
PCA-6115QP2X-0A2E ADVANTECH-PCA-6115QP2X-0A2E Datasheet
176Kb / 1P
   PCI/ISA Backplanes
PCA-6120P4-0B2E ADVANTECH-PCA-6120P4-0B2E Datasheet
128Kb / 1P
   PCI/ISA Backplanes
PCA-6104-0C1 ADVANTECH-PCA-6104-0C1 Datasheet
174Kb / 1P
   ISA/PCI Backplanes
PCA-6114P12-0B3E ADVANTECH-PCA-6114P12-0B3E_11 Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6114P12-0B3E ADVANTECH-PCA-6114P12-0B3E Datasheet
178Kb / 1P
   14-slot PCI/ISA Backplanes
PCA-6119P17-0B2E ADVANTECH-PCA-6119P17-0B2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
PCA-6114P7-0D3E ADVANTECH-PCA-6114P7-0D3E Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6114P10-0B2E ADVANTECH-PCA-6114P10-0B2E Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6120P18-0A2E ADVANTECH-PCA-6120P18-0A2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com