Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKHLLDA010 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHLLDA010
Description  6횞3.5mm Compact (Snap-in Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHLLDA010 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKHLLDA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHLLDA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHLLDA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHLLDA010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TACT Switch
TM
254
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
6
3
6.5
1.5
Stem
1
1
2
Dimensions
Unit:mm
Horizontal type
PC board mounting hole dimensions
(Viewed from switch mounting face)
6.5
2-ø1.25 holes
7
5
2-ø1 holes
2-ø1.3 holes
h
4.3
5
1
No.
Style
2
12
7.3
3
0.5
0.5
5
7
Stem
3.72
0.3
2.5
1
1
2
Photo
R
2.5
3.5
PC board
t 1.0
t 1.6
Circuit Diagram
Vertical type
6
×3.5mm Compact (Snap-in Type) SKHL Series
TACT Switch
TM


Similar Part No. - SKHLLDA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHLLDA010 ALPS-SKHLLDA010 Datasheet
910Kb / 5P
   Switch contributing to high-density mounting, available with top or side push operation
More results

Similar Description - SKHLLDA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQM ALPS-SKQM Datasheet
176Kb / 3P
   6횞3.5mm Compact (Surface Mount Type)
SKHR ALPS-SKHR Datasheet
191Kb / 3P
   4.5mm Square Compact (Snap-in Type)
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ Datasheet
411Kb / 6P
   Compact, High-Capacitance Snap-in
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com