Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM-3102G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-3102G
Description  3.3V / 1310 nm / 125 Mbps LC SFP MULTI-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-3102G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-3102G Datasheet HTML 1Page - Optoway Technology Inc SPM-3102G Datasheet HTML 2Page - Optoway Technology Inc SPM-3102G Datasheet HTML 3Page - Optoway Technology Inc SPM-3102G Datasheet HTML 4Page - Optoway Technology Inc SPM-3102G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPM-3102G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V2.0
1
SPM-3102G / SPM-3102BG / SPM-3102AG
(RoHS Compliant)
3.3V / 1310 nm / 125 Mbps LC SFP MULTI-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l 1310 nm Transmitter
l 0 to 2000 m Transmission
l AC/AC Coupling according to MSA
l LV-TTL TX Disable Input Signal
l LV-TTL RX Loss of Signal Output
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating : SPM-3102G
l -10 to 85oC Operating : SPM-3102BG
l -40 to 85oC Operating : SPM-3102AG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Fast Ethernet Links
l SONET / SDH Equipment Interconnect
l Fiber Channel Links
DESCRIPTION
The SPM-3102G series is small form factor pluggable
module for multi-mode fiber Fast
Ethernet and OC-3 /
STM-1 SONET / SDH fiber communications. It is with the
SFP 20-pin connector to allow hot plug capability. The
transmitter section uses a multiple quantum well 1310 nm
laser
and is a class 1 laser compliant according to
International Safety Standard IEC 60825. The receiver
section uses an integrated InGaAs detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
Distance
(m)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPM-3102G
125
0 to 2000
1310
LC SFP
0 to 70
-12 to -19
-30
Yes
SPM-3102BG
125
0 to 2000
1310
LC SFP
-10 to 85
-12 to -19
-30
Yes
SPM-3102AG
125
0 to 2000
1310
LC SFP
-40 to 85
-12 to -19
-30
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
-10
-40
70
85
85
oC
SPM-3102G
SPM-3102BG
SPM-3102AG
Power Supply Voltage
Vcc
0
3.6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3. 5
V
Power Supply Current
ICC (TX+RX)
150
250
mA
Operating Temperature
Topr
0
-10
-40
70
85
85
oC / SPM-3102G
oC / SPM-3102BG
oC / SPM-3102AG
Data Rate
125
200
Mb/s


Similar Part No. - SPM-3102G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-3102G OPTOWAY-SPM-3102G Datasheet
143Kb / 4P
   3.3V / 1310 nm / 125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102G OPTOWAY-SPM-3102G Datasheet
147Kb / 5P
   125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102G OPTOWAY-SPM-3102G_15 Datasheet
147Kb / 5P
   125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102G_2015 OPTOWAY-SPM-3102G_2015 Datasheet
147Kb / 5P
   125 Mbps LC SFP MULTI-MODE TRANSCEIVER
More results

Similar Description - SPM-3102G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-3102G OPTOWAY-SPM-3102G Datasheet
143Kb / 4P
   3.3V / 1310 nm / 125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102WG OPTOWAY-SPM-3102WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 125 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-3102WG OPTOWAY-SPM-3102WG Datasheet
148Kb / 5P
   3.3V / 1310 nm / 125 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-3102WG OPTOWAY-SPM-3102WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 125 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-5101G OPTOWAY-SPM-5101G Datasheet
143Kb / 4P
   3.3V / 1310 nm / 622 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-5101G OPTOWAY-SPM-5101G_08 Datasheet
147Kb / 5P
   3.3V / 1310 nm / 622 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPS-3120G OPTOWAY-SPS-3120G Datasheet
148Kb / 4P
   3.3V / 1310 nm / 125/155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3151G OPTOWAY-SPS-3151G_08 Datasheet
146Kb / 5P
   3.3V / 1310 nm / 125/155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3130G OPTOWAY-SPS-3130G_08 Datasheet
147Kb / 5P
   3.3V / 1310 nm / 125/155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3150G OPTOWAY-SPS-3150G Datasheet
148Kb / 4P
   3.3V / 1310 nm / 125/155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com