Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKHCBFA010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHCBFA010
Description  12mm Square(Snap-in Type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHCBFA010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKHCBFA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHCBFA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHCBFA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHCBFA010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHCBFA010 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
268
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Refer to P.306 for soldering conditions.
Refer to
P.308 for standard knobs.
Drawing
No.
1
2
Product Line
Product No.
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Stem
color
1.27N
SKHCBEA010
SKHCBGA010
SKHCBJA010
SKHCBFA010
SKHCBHA010
SKHCBKA010
2.55N
0.74N
1.27N
2.55N
0.74N
Operating
direction
Vertical
0.3
50mA
12V DC
Rating
(min.)
10
BA
1V DC
500,000
cycles
1,000,000
cycles
1,000,000
cycles
500,000
cycles
500,000
cycles
100m
Ω
max.
Black
Minimum order
unit
(pcs.)
1,000
Variety
Joint
stem
Flat
stem
Dark
gray
Blue
Black
Dark
gray
Blue
12mm Square(Snap-in Type)
SKHC Series
Joint stem & flat stem with stable operation feeling.
TACT Switch
TM


Similar Part No. - SKHCBFA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHCBFA010 ALPS-SKHCBFA010 Datasheet
507Kb / 5P
   TACT SwitchTM 12mm Square (Snap-in Type)
SKHCBFA010 ALPS-SKHCBFA010 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
More results

Similar Description - SKHCBFA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
   12mm Square Long-life (Snap-in Type)
SKHK ALPS-SKHK Datasheet
172Kb / 3P
   12mm Square Long Stem (Snap-in Type)
SKQE ALPS-SKQE Datasheet
246Kb / 4P
   12mm Square Long-life (Snap-in Type)
SK2AA00540 ALPS-SK2AA00540 Datasheet
507Kb / 5P
   TACT SwitchTM 12mm Square (Snap-in Type)
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
SKEY ALPS-SKEY Datasheet
191Kb / 3P
   7.8mm Square(Snap-in Type)
SKHCAAA010 ALPS-SKHCAAA010 Datasheet
144Kb / 5P
   TACT SwitchTM 12×12mm (Snap-in)Type
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
   6.6mm Square (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
   6.6mm Square(Snap-in Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com