Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKHCBFA010 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHCBFA010
Description  12mm Square(Snap-in Type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHCBFA010 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SKHCBFA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHCBFA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHCBFA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHCBFA010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHCBFA010 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TACT Switch
TM
248
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
TACT Switch
TM
List of Varieties
Sharp Feeling Type
□10
7.1
482
See the
relevant
pages for
respective
product
descriptions
11.5
11.9
11.3
265
□12
4.3
267
268
12
270
Snap–in
Surface mount
Type
Dimensions
(mm)
W
D
H
1N
5N
Operation
force
coverage
Page
Features
Photo
Ground terminal
SKQU
4–direction
switchpush
switch
SKQB
Water–proof
Horizontal
type
SKQE
Long
Life
SKHC
SKHK
Long
Stem
SKRW
□3.7
0.35
Low–profile
SKRM
□4.5
0.4
SKQR
□4.8
0.5
SKRB
0.55
SKRR
7.5
7
0.6
Low–profile
and long life
SKQG
□5.2
0.8
Low–profile
Vertical
Horizontal
Series
Operating
temperature
range
ー30℃ to +85℃
100M
Ω min. 100V DC
250V AC for 1min.
SKRW/RM/RB/RR : 100V AC for 1min.
ー30±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2hours respectively
Shall be in accordance with individual specifications.
Insulation
resistance
Voltage
proof
Vibration
Lifetime
Cold
Dry heat
Damp heat
271
272
273
274
276
275
TACT Switch
TM Soldering Conditions ………………………………………………………………………………………306
TACT Switch
TM Cautions ………………………………………………………………………………………………………307
Product Line of Knob for TACT Switch
TM ……………………………………………………………………………………308
W
:Width. The most outer dimension excluding terminal portion.
D
:Depth. The most outer dimension excluding terminal portion.
H
:Height. The minimum dimension if there are variances.
The automotive operating temperature range to be individually discussed upon request.
Note


Similar Part No. - SKHCBFA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHCBFA010 ALPS-SKHCBFA010 Datasheet
507Kb / 5P
   TACT SwitchTM 12mm Square (Snap-in Type)
SKHCBFA010 ALPS-SKHCBFA010 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
More results

Similar Description - SKHCBFA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
   12mm Square Long-life (Snap-in Type)
SKHK ALPS-SKHK Datasheet
172Kb / 3P
   12mm Square Long Stem (Snap-in Type)
SKQE ALPS-SKQE Datasheet
246Kb / 4P
   12mm Square Long-life (Snap-in Type)
SK2AA00540 ALPS-SK2AA00540 Datasheet
507Kb / 5P
   TACT SwitchTM 12mm Square (Snap-in Type)
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
SKEY ALPS-SKEY Datasheet
191Kb / 3P
   7.8mm Square(Snap-in Type)
SKHCAAA010 ALPS-SKHCAAA010 Datasheet
144Kb / 5P
   TACT SwitchTM 12×12mm (Snap-in)Type
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
   6.6mm Square (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
   6.6mm Square(Snap-in Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com