Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES7 Datasheet(PDF) 9 Page - Cyrustek corporation

Part # ES7
Description  True RMS-to-DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES7 Datasheet(HTML) 9 Page - Cyrustek corporation

Back Button ES7 Datasheet HTML 2Page - Cyrustek corporation ES7 Datasheet HTML 3Page - Cyrustek corporation ES7 Datasheet HTML 4Page - Cyrustek corporation ES7 Datasheet HTML 5Page - Cyrustek corporation ES7 Datasheet HTML 6Page - Cyrustek corporation ES7 Datasheet HTML 7Page - Cyrustek corporation ES7 Datasheet HTML 8Page - Cyrustek corporation ES7 Datasheet HTML 9Page - Cyrustek corporation ES7 Datasheet HTML 10Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
09/07/08
9
ES7
True RMS-to-DC Converters
Choosing the Averaging Time Constant
The ES7 computes the RMS value of AC and DC signals. At low frequencies and DC,
the output tracks the input exactly; at higher frequencies, the average output approaches
the RMS value of the input signal. The actual output differs from the ideal by an
average (or DC) error plus some amount of ripple.
The DC error term is a function of the value of Cav and the input signal frequency. The
output ripple is inversely proportional to the value of Cav. Waveforms with high crest
factors, such as a pulse train with low duty cycle, should have an average time constant
chosen to be at least ten times the signal period.
Using a large value of Cav to remove the output ripple increases the setting time for a
step change in the input signal level. Figure 4 shows the relationship between Cav and 1
% settling time, where 110ms settling equals 4uF of Cav. The settling time, or time for
the RMS converter to settle to within a given percent of the change in RMS level, is set
by the averaging time constant, which varies approximately 2:1 between decreasing and
increasing input signals. In addition, the settling time also varies with input signal
levels, increasing as the input signal is reduced, and decreasing as the input is
increased.
Frequency Response
ES7 utilizes a logarithmic circuit in performing the RMS computation of the input
signal. Table 1 represents the simplified frequency response of the converters from
35mV to 400mV for ES7. Caution must be used when designing RMS measuring
systems so that overload does not occur. The input clipping level for ES7 is ±10V.
Error
RMS
±1%
±3db
35mV
50KHz
1MHz
100mV
200KHz
1MHz
200mV
200KHz
1MHz
400mV
200KHz
500KHZ
Table 1
4


Similar Part No. - ES7

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES7010 ESS-ES7010 Datasheet
67Kb / 4P
   MPEG2 AV Encoder Prod uct Brief
ES7010F ESS-ES7010F Datasheet
67Kb / 4P
   MPEG2 AV Encoder Prod uct Brief
ES7011 ESS-ES7011 Datasheet
67Kb / 4P
   MPEG2 AV Encoder Prod uct Brief
ES7011F ESS-ES7011F Datasheet
67Kb / 4P
   MPEG2 AV Encoder Prod uct Brief
ES7020 ESS-ES7020 Datasheet
70Kb / 6P
   Vantage-II Audio/Video Codec Product Brief
More results

Similar Description - ES7

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
   True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
   True RMS-to-DC Converters
ES636 CYRUSTEK-ES636_09 Datasheet
283Kb / 13P
   True RMS-to-DC Converters
logo
Maxim Integrated Produc...
MX536A MAXIM-MX536A Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
MX536AJEWE MAXIM-MX536AJEWE Datasheet
149Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com