Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCHA2B0300 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SCHA2B0300
Description  Connector for microSD??Card (Push-push Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCHA2B0300 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SCHA2B0300 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCHA2B0300 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCHA2B0300 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCHA2B0300 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
18
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Connector for microSD™ Card (Push-push Type) SCHA Series
0.96
7.96
7.46
3.26
5.34
5.54
6.04
7.24
5.06
9.16
Connector center
Card center
Land area
No parts area
Common
Card detect
switch
Dummy
Dummy
14
0.96
3.81
0.85
0.85
0.95
Pin1
Pin2
Pin3
Pin4
Pin8
Pin7
Pin6
Pin5
1.9
Connector
center
Card center
Dimensions
PC board mounting hole dimensions
(Viewed from the mounting face side)
Unit:mm
Reverse mount
No.
3
Style
With switch


Similar Part No. - SCHA2B0300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCHA4B0100 ALPS-SCHA4B0100 Datasheet
431Kb / 5P
   Connector for microS Card
SCHA4B0400 ALPS-SCHA4B0400 Datasheet
431Kb / 5P
   Connector for microS Card
SCHA4B0415 ALPS-SCHA4B0415 Datasheet
441Kb / 2P
   Circuit Diafram for Detect Switch
SCHA5B0200 ALPS-SCHA5B0200 Datasheet
431Kb / 5P
   Connector for microS Card
logo
Murata Manufacturing Co...
SCHA600 MURATA1-SCHA600 Datasheet
183Kb / 1P
   6-DOF XYZ-Axis Gyroscope and XYZ-Axis Accelerometer with Digital SPI Interface
More results

Similar Description - SCHA2B0300

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2900 3M-2900 Datasheet
216Kb / 4P
   Card Connector microSD - Normal Polarization, Push-Push, Surfacemount
logo
Molex Electronics Ltd.
0473340001 MOLEX1-0473340001_19 Datasheet
30Kb / 2P
   1.10mm Pitch microSD Card Connector, Push-Push Type, without Detect Switch, Lead-1.10mm Pitch microSD Card Connector, Push-Push Type, without Detect Switch, Lead-Free
logo
Yamaichi Electronics Co...
PJS008-2100-0 YAMAICHI-PJS008-2100-0 Datasheet
118Kb / 1P
   microSD Card Reader - Push / Push (Top Mount)
PJS008-2300-0 YAMAICHI-PJS008-2300-0 Datasheet
119Kb / 1P
   microSD Card Reader - Push / Push (Top Mount)
logo
Molex Electronics Ltd.
5025700893 MOLEX1-5025700893_19 Datasheet
30Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5027020891 MOLEX1-5027020891_19 Datasheet
34Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5031820852 MOLEX11-5031820852 Datasheet
336Kb / 5P
   1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
5033980891 MOLEX11-5033980891 Datasheet
447Kb / 5P
   1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
5025700893 MOLEX11-5025700893 Datasheet
396Kb / 5P
   1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
1040420811 MOLEX11-1040420811 Datasheet
250Kb / 3P
   1.10mm (.043") Pitch microSD Memory Card Connector, Reverse Mount SMT, Push- Push Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com