Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCHB1A0205 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SCHB1A0205
Description  Connector for microSD??Card (Hinge Cover Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCHB1A0205 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SCHB1A0205 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCHB1A0205 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCHB1A0205 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
50
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Soldering Conditions
Example of Reflow Soldering Condition
(Reference)
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2
φ CA(K)or CC(T).
3. Temperature profile
(Surface of products).
200
100
240
℃(max.)
230
℃(min.)
150
180
Time (s)
10 sec.(max.)
90
±30 sec.
Room
temperature
Pre-heating
Heating time
sec.
1. When soldering terminals, there is a danger that load placed on the terminals may cause rattle, deformation or
electrical degradation to occur depending on the conditions. Caution is therefore required.
2. Avoid use of water-soluble soldering flux, since it may corrode the product.
3. Check and conform to reflow soldering requirements under actual mass production conditions.
4. PC board warping may alter the characteristics. Please take this into consideration when designing patterns and
layout.
5. The card specifications are provided by the above manufactures. Products by other manufactures may not be
compliant with these specifications and are subject to change without prior notice.
Cautions for using this product
Small Memory Card Connectors


Similar Part No. - SCHB1A0205

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCHB1005W750FPF SOCAY-SCHB1005W750FPF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
SCHB1608W102CPF SOCAY-SCHB1608W102CPF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
SCHB1608W121EPF SOCAY-SCHB1608W121EPF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
SCHB1608W241EPF SOCAY-SCHB1608W241EPF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
SCHB1608W601EPF SOCAY-SCHB1608W601EPF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
More results

Similar Description - SCHB1A0205

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
PJS008T-0000-0 YAMAICHI-PJS008T-0000-0 Datasheet
300Kb / 1P
   microSD Card Reader - Hinge Type
logo
Molex Electronics Ltd.
47219-2001 MOLEX-47219-2001 Datasheet
42Kb / 2P
   1.10mm Pitch microSD Card Connector, Hinge Type, Lead-Free
0472192001 MOLEX1-0472192001_19 Datasheet
33Kb / 2P
   1.10mm Pitch microSD Card Connector, Hinge Type, Lead-Free
0472192001 MOLEX6-0472192001 Datasheet
148Kb / 3P
   1.10mm (.043") Pitch microSD Card Connector, Hinge Type, Lead free
0472190001 MOLEX6-0472190001 Datasheet
149Kb / 3P
   1.10mm (.043") Pitch microSD Card Connector, Hinge Type, Lead free
logo
ALPS ELECTRIC CO.,LTD.
SCHD ALPS-SCHD Datasheet
102Kb / 3P
   Connector for microSD??Card (Header Type)
SCHA ALPS-SCHA Datasheet
213Kb / 4P
   Connector for microSD??Card (Push-push Type)
logo
Yamaichi Electronics Co...
PJS008-2100-X YAMAICHI-PJS008-2100-X Datasheet
2Mb / 1P
   microSD card connector
PJS008-2000-0 YAMAICHI-PJS008-2000-0 Datasheet
211Kb / 1P
   microSD??Card Connector
logo
Fujitsu Component Limit...
FCN-560 FUJITSU-FCN-560 Datasheet
322Kb / 3P
   microSD/TF Card Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com