Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSA0N111900Q Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RSA0N111900Q
Description  Low-profile Master Type竊뉿 Fader竊
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSA0N111900Q Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RSA0N111900Q Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSA0N111900Q Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSA0N111900Q Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSA0N111900Q Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSA0N111900Q Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Slide
Potentiometers
Rotary
Potentiometers
428
General-use
Mixer
Low-profile Master Type
(N Fader)
RS
□□N Series
Low-profile type with excellent operability contributes to add flexibility in set design.
0.05 to 0.8N
150V AC
(RS60N Series)
350V AC
(RSA0N Series)
30,000cycles
Items
Specifications
Operating life
Maximum operating
voltage
Operating
force
Single-unit
0.05 to 0.9N
Dual-unit
±20%
Total resistance tolerance
10
℃ to 60℃
Operating temperature
range
Typical Specifications
Product Line
Number of
resistor
elements
Travel
(mm)
Resistance
taper
Lever type
Terminal
style
Products No.
Minimum
packing unit
(pcs.)
Drawing
No.
9-T
(T-Bar)
Length
of lever
(mm)
8.2
For
PC board
RS60N111900H
RSA0N111900Q
RS60N1219A04
RSA0N1219A03
100
1
2
3
4
Single-
unit
Dual-
unit
60
60
100
100
15A
Total
resistance
(kΩ)
10
Products other than those listed in above products are also available. Please contact us for details.
Note
Refer to P.430 for details of lever types.
Refer to
P.430 for other detailed specifications.
Slide Potentiometers for Fader Control of Mixers


Similar Part No. - RSA0N111900Q

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSA0N111900Q ALPS-RSA0N111900Q Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
RSA0N111900Q ALPS-RSA0N111900Q Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
logo
List of Unclassifed Man...
RSA0N111900Q ETC-RSA0N111900Q Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RSA0N111900Q

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60K11A9000 ALPS-RS60K11A9000 Datasheet
187Kb / 5P
   Master Type竊뉻 Fader竊
RS6011SY6002 ALPS-RS6011SY6002 Datasheet
173Kb / 4P
   Low-profile Master Type竊늆uper Y Fader竊
RS60N11S4003 ALPS-RS60N11S4003 Datasheet
203Kb / 4P
   Low-profile Master Type竊늆lim Type竊
RS60N11M9A05 ALPS-RS60N11M9A05 Datasheet
353Kb / 7P
   Motor-driven Master Type竊뉾otor N Fader, Motor K Fader竊
logo
SanRex Corporation
TG25F SANREX-TG25F Datasheet
96Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
List of Unclassifed Man...
TG25C ETC-TG25C Datasheet
134Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
SanRex Corporation
TG25C SANREX-TG25C Datasheet
137Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com