Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-6761FG-S6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-6761FG-S6A1E
Description  Intel짰 Atom??N270 COM-Micro CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-6761FG-S6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-6761FG-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-6761FG-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
All product specifications are subject to change without notice
Last updated : 20-July-2009
Features
Intel® Atom™ N270 COM-Micro
CPU Module
SOM-6761
Embedded Intel® Atom™ N270 1.6 GHz processor with low power
consumption
Intel Atom N270+ 945GSE+ ICH7M
Intel GMA950, Microsoft DirectX 9.1
Supports multiple displays: VGA, LVDS, SDVO, TV out
Intel 10/100/1000 Mbps LAN
Supports 3 PCIe x 1 or 1 PCIe x 4, 4 PCI devices
Supports 2 SATA ports, 8 USB2.0 ports
Specifications
Form Factor
COM-Micro, Module Pin-out Type II
Processor System
CPU
Embedded Intel ATOM N270 1.6 GHz processor
Front Side Bus
533 MHz FSB
System Chipset
Intel 945GSE/ ICH7M
BIOS
AWARD 8 Mbit Flash BIOS
Memory
Technology
DDR2 400/533 MHz
Max. Capacity
up to 2 GB
Socket
1 x 200-pin SODIMM socket
Display
Chipset
Intel 945GSE
VRAM
DVMT 3.0 supports up to 224 MB
Graphics Engine
Intel GMA950, Microsoft DirectX 9.1
LCD
36-bit LVDS
VGA
up to 2048 x 1536
TV Out
Supports NTSC/PAL, S-Video and Composite Output interfaces
SDVO
1 SDVO Port
Dual Display
CRT + LCD, TV out + LCD, TV out + CRT (Note: SDVO function is supported by customized BIOS)
Ethernet
Chipset
Intel 82574L Gigabit Ethernet
Speed
10/100/1000 Mbps
WatchDog Timer
256 timer intervals, from 0 to 255 sec or min setup by software, jumperless selection, generates system reset
Expansion
LPC, SMBUS, 3 PCIe x 1 or 1 PCIe x 4, 4 PCI master
I/O
PATA
1 x EIDE (UDMA 100)
SATA
2 x SATA, data transfer rates up to 150 MB/s
USB
8 x USB 2.0
Audio
AC97, High definition audio interface
GPIO
8-bit GPIO
Power
Power Type
ATX, AT
Power Supply Voltage
+12 V, and +5 VSB for ATX, +12 V for AT
Power Consumption
(Typical)
Typical: (1 GB DDRII 533)
+12 V @ 0.62 A
Power Consumption
(Max, test in HCT)
Max: (1 GB DDRII 533)
+12 V @ 0.9 A
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions
95 x 95 mm (3.74'' x 3.74")
NEW


Similar Part No. - SOM-6761FG-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6761FG-S6A1E ADVANTECH-SOM-6761FG-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 COM-Express Compact Module
More results

Similar Description - SOM-6761FG-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5761 ADVANTECH-SOM-5761 Datasheet
991Kb / 2P
   Intel짰 Atom??N270 COM-Express CPU Module
logo
Protech Systems Co., Lt...
COM-587LF PROTECHSYSTEMS-COM-587LF Datasheet
860Kb / 2P
   COM Express Intel짰 Atom??N270 CPU Module / Fanless
logo
Advantech Co., Ltd.
SOM-4461 ADVANTECH-SOM-4461 Datasheet
319Kb / 2P
   Intel짰 Atom??N270 ETX CPU Module
SOM-6760 ADVANTECH-SOM-6760 Datasheet
351Kb / 2P
   Intel짰 Atom??SCH US15W COM-Micro CPU Module
SOM-6763 ADVANTECH-SOM-6763 Datasheet
888Kb / 2P
   Intel짰 Atom N450/D510 COM-Micro CPU Module
SOM-4461A2 ADVANTECH-SOM-4461A2 Datasheet
1Mb / 4P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-4461 ADVANTECH-SOM-4461_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-6761 ADVANTECH-SOM-6761_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 COM-Express Compact Module
logo
Protech Systems Co., Lt...
LB-586LF PROTECHSYSTEMS-LB-586LF Datasheet
562Kb / 2P
   Intel짰 Atom??N270 CPU Embedded board
logo
Advantech Co., Ltd.
SOM-5761 ADVANTECH-SOM-5761_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N270 COM-Express Basic Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com