Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNMP-1000-E1B1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SNMP-1000-E1B1E
Description  Intelligent SNMP/HTTP System Manager
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SNMP-1000-E1B1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SNMP-1000-E1B1E Datasheet HTML 1Page - Advantech Co., Ltd. SNMP-1000-E1B1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
SNMP-1000-E1B1E
SNMP-1000-E2B1E
SNMP-1000-B
Optional
Intelligent SNMP/HTTP
System Manager
Introduction
The SNMP-1000-B is a platform independent system management module that can detect system operating conditions and notify users to take necessary action to avert system
failure through multiple communication protocols. With the SNMP-1000-B installed, system monitoring and management can be integrated into an existing SNMP-based network
management environment. The SNMP-1000-B also has a built-in web-based administration interface which allows users to monitor system operation from any place with Internet
connectivity. The SNMP-1000-B adds another dimension of reliability to your most critical applications.
Powerful Yet Easy to Use
The SNMP-1000-B can detect a wide variety of internal system conditions, including temperature, voltage, fan rotation, power supply or CPU operations such as
watchdog timer output. Through its I2C interface it can even monitor CPU temperature and voltages of Advantech’s full-sized CPU cards. Depending on the alarm severity
or user setup, it can generate several different alarm outputs, including SNMP traps, e-mails, paging, acoustic signals, system resets, and digital output. Through the
easy-to-use web-based user interface, users can set the alarm criteria and select alarm outputs for each sensor input independently to meet user requirements. The backup battery
enables the SNMP-1000-B to perform its alarm function even during total system power failure.
Web-Enabled, No Driver Needed
The onboard 10/100 Mbps Fast Ethernet interface enables the SNMP-1000-B to be connected to your existing network, independent from the system’s connection. It supports multiple
network protocols such as TCP/IP, SNMP, HTTP and Telnet, allowing you to manage your systems simply by using a web browser. No special software driver is needed thus eliminating
compatibility issues with different operating systems.
Online Upgrade and Batch Setup
You can upgrade the firmware online by using the included setup utility. There is no need to go to a remote site and disassemble the chassis to collect each SNMP-1000-B module
or card for firmware upgrade. The setup utility also supports “batch setup” function, which allows you to save a configuration and duplicate it to many other SNMP-1000-B modules
and cards. This function saves tremendous time and effort when you have a number of SNMP-1000-B units installed in your environment.
Flexible Modular Hardware Design
The modular design of the SNMP-1000-B allows it to be easily customized to fit into any system. The ultra compact module is only 41 mm wide and 94 mm long (1.61" x 3.70"). It
can be mounted on standard or customized carrier boards to plug into any standard PCI/ISA slot.
Monitors system fans, temperature, voltage, power supply, CPU fan, CPU
temperature, Vcore, watchdog timer, etc.
Standalone system monitoring: no driver needed, OS-independent
Remote alarm notification through SNMP/HTTP, e-mail or pager
Easy status monitoring through Ethernet using a browser
Highly reliable: functions even when system or power fails
Modular design eases system integration and customization
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - SNMP-1000-E1B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SNMP-1000-E1B1E ADVANTECH-SNMP-1000-E1B1E Datasheet
1Mb / 2P
   Intelligent SNMP/HTTP System Manager
More results

Similar Description - SNMP-1000-E1B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SNMP-1000-B ADVANTECH-SNMP-1000-B_12 Datasheet
1Mb / 2P
   Intelligent SNMP/HTTP System Manager
SNMP-1000-E1B2E ADVANTECH-SNMP-1000-E1B2E Datasheet
695Kb / 2P
   Intelligent SNMP/HTTP System Manager
logo
Dallas Semiconductor
DS80CH11 DALLAS-DS80CH11 Datasheet
598Kb / 88P
   System Energy Manager
logo
List of Unclassifed Man...
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
   Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
   Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
80Kb / 5P
   Intelligent Manager Smart PMU/GPIO
logo
Micro Analog systems
MAS6011 MAS-MAS6011 Datasheet
170Kb / 8P
   Solar Cell System Manager
logo
List of Unclassifed Man...
OZ992S ETC-OZ992S Datasheet
37Kb / 5P
   Intelligent Manager Smart ACPI GPIO/SCI
OZ998 ETC-OZ998 Datasheet
50Kb / 7P
   Intelligent Manager Smart Multi-DIMM Selector
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com